Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8A Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 91Page - Renesas Technology Corp M32C/8A Datasheet HTML 92Page - Renesas Technology Corp M32C/8A Datasheet HTML 93Page - Renesas Technology Corp M32C/8A Datasheet HTML 94Page - Renesas Technology Corp M32C/8A Datasheet HTML 95Page - Renesas Technology Corp M32C/8A Datasheet HTML 96Page - Renesas Technology Corp M32C/8A Datasheet HTML 97Page - Renesas Technology Corp M32C/8A Datasheet HTML 98Page - Renesas Technology Corp M32C/8A Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 372 page
background image
M32C/8A Group
9. Clock Generation Circuits
Rev.1.00
Jul 15, 2007
Page 78 of 352
REJ09B0385-0100
9.1.1
Main Clock
Main clock oscillation circuit generates the main clock. The main clock is used as the clock source for the CPU
clock and peripheral function clocks.
The main clock oscillation circuit is configured by connecting an oscillator between the XIN and XOUT pins.
The circuit has an on-chip feedback resistor. The feedback resistor is disconnected from the oscillation circuit in
stop mode to reduce power consumption. The main clock oscillation circuit may also be configured by feeding
an externally generated clock to the XIN pin. Figure 9.9 shows examples of main clock circuit connection.
Circuit constants vary depending on each oscillator. Use the circuit constant recommended by each oscillator
manufacturer.
The main clock divided-by-eight becomes the CPU clock source after reset.
To reduce power consumption, set the CM05 bit in the CM0 register to 1 (main clock stopped) after the sub
clock or on-chip oscillator clock is selected as the CPU clock sources. In this case, the XOUT pin outputs an
“H” signal. The XIN pin is pulled up to the XOUT pin via the feedback resistor which remains on. When an
external clock is input to the XIN pin, do not set the CM05 bit to 1.
All clocks, including the main clock, stop in stop mode. Refer to 9.5 Power Consumption Control for details.
Figure 9.9
Main Clock Circuit Connection
XIN
XOUT
Oscillator
CIN
COUT
Rd(1)
MCU
(On-chip feedback resistor)
XIN
XOUT
MCU
(On-chip feedback resistor)
Open
Externally generated clock
VCC
VSS
VSS
NOTE:
1. Insert a damping resistor if required. Resistance values vary depending on the oscillator setting. Use the resistance values
recommended by the oscillator manufacturer.
If the oscillator manufacturer recommends that a feedback resistor be added to the chip externally, insert a feedback
resistor between XIN and XOUT following the instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com