Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8A Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 62Page - Renesas Technology Corp M32C/8A Datasheet HTML 63Page - Renesas Technology Corp M32C/8A Datasheet HTML 64Page - Renesas Technology Corp M32C/8A Datasheet HTML 65Page - Renesas Technology Corp M32C/8A Datasheet HTML 66Page - Renesas Technology Corp M32C/8A Datasheet HTML 67Page - Renesas Technology Corp M32C/8A Datasheet HTML 68Page - Renesas Technology Corp M32C/8A Datasheet HTML 69Page - Renesas Technology Corp M32C/8A Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 372 page
background image
M32C/8A Group
8. Bus
Rev.1.00
Jul 15, 2007
Page 49 of 352
REJ09B0385-0100
8.
Bus
In microprocessor mode, the following pins become bus control pins: D0 to D15, A0 to A22, A23, CS0 to CS3, WRL/
WR, WRH/BHE, RD, CLKOUT/BCLK/ALE, HLDA/ALE, HOLD, ALE, RDY.
8.1
Bus Settings
Bus setting is determined by the BYTE pin, the DS register, the PM05 and PM04 bits in the PM0 register, and bits
PM11 and PM10 in the PM1 register.
Table 8.1 lists how to change bus settings. Figure 8.1 shows the DS register.
Table 8.1
Bus Settings
Figure 8.1
DS Register
Bus Setting
Pin & Registers Used for Setting
Selecting external data bus width
DS register
Setting bus width after reset
BYTE pin (for external space 3 only)
Selecting separate bus or multiplexed bus
Bits PM05 and PM04 in the PM0 register
Number of chip-select pins
Bits PM11 and PM10 in the PM1 register
b7 b6 b5 b4
b1
b2
b3
External Data Bus Width Control Register
Symbol
DS
Address
000Bh
Bit Symbol
Bit Name
RW
After Reset
XXXX 1000b (BYTE pin = "L")
XXXX 0000b (BYTE pin = "H")
b0
Function
DS0
RW
DS1
DS2
DS3
−
(b7-b4)
RW
RW
RW
−
External space 0
data bus width select bit
External space 1
data bus width select bit
0: 8 bits wide
1: 16 bits wide
External space 2
data bus width select bit
External space 3
data bus width select bit(1)
0: 8 bits wide
1: 16 bits wide
0: 8 bits wide
1: 16 bits wide
0: 8 bits wide
1: 16 bits wide
Unimplemented.
Write 0. Read as undefined value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com