Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8A Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 94Page - Renesas Technology Corp M32C/8A Datasheet HTML 95Page - Renesas Technology Corp M32C/8A Datasheet HTML 96Page - Renesas Technology Corp M32C/8A Datasheet HTML 97Page - Renesas Technology Corp M32C/8A Datasheet HTML 98Page - Renesas Technology Corp M32C/8A Datasheet HTML 99Page - Renesas Technology Corp M32C/8A Datasheet HTML 100Page - Renesas Technology Corp M32C/8A Datasheet HTML 101Page - Renesas Technology Corp M32C/8A Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 372 page
background image
M32C/8A Group
9. Clock Generation Circuits
Rev.1.00
Jul 15, 2007
Page 81 of 352
REJ09B0385-0100
Figure 9.11
Procedure to Switch from On-chip Oscillator Clock to Main Clock
9.1.4
PLL Clock
The PLL frequency synthesizer generates the PLL clock by multiplying the main clock. The PLL clock can be
used as the clock source for the CPU clock and peripheral function clocks.
The PLL frequency synthesizer is stopped after reset. When the PLC07 bit in the PLC0 register is set to 1 (PLL
runs), the PLL frequency synthesizer starts operating. Waiting time, tsu(PLL), is required before the PLL clock
is stabilized.
The PLL clock is the VCO clock divided by either 2 or 3. When the PLL clock is used as the clock source for
the CPU clock or peripheral function clocks, set each bit as shown in Table 9.3. Figure 9.12 shows the
procedure to use the PLL clock as the CPU clock source.
Set the CM17 bit in the CM1 register to 0 (main clock as CPU clock source) and the PLC07 bit to 0 (PLL stops)
before stopping the CPU clock or the main clock.
Start
End
PRCR register: PRC0 bit = 1
Verified several times?
0 (Main clock oscillates)
MCD register: bits MCD4 to MCD0 = 01000b
CM2 register: CM22 bit = 0
CM2 register: CM21 bit = 0
PRC0 bit = 0
YES
1 (Main clock stops)
NO
Divide-by-8 mode
Loss of the main clock is not detected
Select the main clock as the CPU clock source
Disable writing to registers associated with clocks
Enable writing to registers associated with clocks
Read the CM23 bit in the
CM2 register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com