Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8A Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 64Page - Renesas Technology Corp M32C/8A Datasheet HTML 65Page - Renesas Technology Corp M32C/8A Datasheet HTML 66Page - Renesas Technology Corp M32C/8A Datasheet HTML 67Page - Renesas Technology Corp M32C/8A Datasheet HTML 68Page - Renesas Technology Corp M32C/8A Datasheet HTML 69Page - Renesas Technology Corp M32C/8A Datasheet HTML 70Page - Renesas Technology Corp M32C/8A Datasheet HTML 71Page - Renesas Technology Corp M32C/8A Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 372 page
background image
M32C/8A Group
8. Bus
Rev.1.00
Jul 15, 2007
Page 51 of 352
REJ09B0385-0100
Table 8.3
Processor Mode and Pin Function
NOTES:
1. Do not set bits PM05 and PM04 in the PM0 register to 11b in microprocessor mode since the MCU starts up
with the separate bus after reset.
2. These pins are used as address bus when selecting separate bus.
3. Bits PM15 and PM14 in the PM1 register determine which pin is used to output the ALE signal.
4. The PM02 bit in the PM0 register selects either “RD, WRL, WRH” or “RD, BHE, WR” combination.
5. P5_6 outputs undefined value when bits PM15 and PM14 are set to 00b (no ALE). In this case, it cannot be
used as an I/O port.
6. Bits PM11 and PM10 in the PM1 register determine whether these pins are used as chip-select outputs or
address bus.
7. Use bits CM01 and CM00 in the CM0 register, bits PM15 and PM14 in the PM1 register, and the PM07 bit in
the PM0 register to select among CLKOUT, BCLK, and ALE function.
Processor Mode
Microprocessor Mode
PM05 and PM04 bits
setting(1)
00b (Multiplexed bus not used)
01b (Access CS2 area using multiplexed bus)
10b (Access CS1 area using multiplexed bus)
Data bus width
Access all external
spaces with 8-bit data
bus
Access any external
spaces with 16-bit
data bus
Access all external
spaces with 8-bit data
bus
Access any external
spaces with 16-bit
data bus
P0_0 to P0_7
Data bus (D0 to D7)
P1_0 to P1_7
I/O port
Data bus
(D8 to D15)
I/O port
Data bus
(D8 to D15)
P2_0 to P2_7
Address bus (A0 to A7)
Address bus/data bus (A0/D0 to A7/D7)(2)
P3_0 to P3_7
Address bus (A8 to A15)
Address bus/data bus
(A8/D8 to A15/D15)(2)
P4_0 to P4_3
Address Bus (A16 to A19)
P4_4 to P4_6
CS or address bus (A20 to A22) (Refer to 8.2 Bus Control for details)(6)
P4_7
CS or address bus (A23) (Refer to 8.2 Bus Control for details)(6)
P5_0 to P5_2
RD, WRL, WRH outputs or RD, BHE, WR outputs (Refer to 8.2 Bus Control for details)(4)
P5_3
CLKOUT/BCLK/ALE(7)
P5_4
HLDA/ALE(3)
P5_5
HOLD
P5_6
ALE(3)(5)
P5_7
RDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com