Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8A Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 48Page - Renesas Technology Corp M32C/8A Datasheet HTML 49Page - Renesas Technology Corp M32C/8A Datasheet HTML 50Page - Renesas Technology Corp M32C/8A Datasheet HTML 51Page - Renesas Technology Corp M32C/8A Datasheet HTML 52Page - Renesas Technology Corp M32C/8A Datasheet HTML 53Page - Renesas Technology Corp M32C/8A Datasheet HTML 54Page - Renesas Technology Corp M32C/8A Datasheet HTML 55Page - Renesas Technology Corp M32C/8A Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 372 page
background image
M32C/8A Group
5. Reset
Rev.1.00
Jul 15, 2007
Page 35 of 352
REJ09B0385-0100
Table 5.1
Pin States while RESET Pin is Held “L”(2)
NOTES:
1. Ports P11 to P15 are provided in the 144-pin package only.
2. The availability of the pull-up resistors is undefined until the internal supply voltage stabilizes.
3. These pin states are defined after the power is turned on and the internal supply voltage stabilizes. Until then,
the pin states are undefined.
5.2
Hardware Reset 2 (Vdet3 detection function)
Pins, CPU, and SFRs are reset by the Vdet3 detection function, when the voltage applied to the VCC1 pin drops to
Vdet3 (V) or below. The states of the pins, CPU, and SFRs after reset are the same as the hardware reset 1. Refer
to 6. Power Supply Voltage Detection Function for details on Vdet3 detection function.
5.3
Software Reset
When the PM03 bit in the PM0 register is set to 1 (MCU is reset), the MCU resets the CPU, SFRs, ports, and I/O
pins for peripheral functions. And then the MCU executes a program in an address indicated by the reset vector.
Set the PM03 bit to 1 while the main clock is selected as the clock source for the CPU clock and the main clock
oscillation is stable.
The software reset does not reset the following SFRs; bits PM01 and PM11 in the PM0 register, the WDC5 bit in
the WDC register, and the TCSPR register.
Processor mode remains unchanged since bits PM01 and PM00 are not reset.
5.4
Watchdog Timer Reset
When the CM06 bit in the CM0 register is set to 1 (reset) and the watchdog timer underflows, the MCU resets the
CPU, SFRs, ports, and I/O pins for peripheral functions. And then the MCU executes a program in an address
indicated by the reset vector.
The watchdog timer reset does not reset the following SFRs; bits PM01 and PM11 in the PM0 register, the WDC5
bit in the WDC register, and the TCSPR register.
Processor mode remains unchanged since bits PM01 and PM00 are not reset.
Pin Name
Microprocessor Mode
CNVSS = “H”
BYTE = “L”
BYTE = “H”
P0
Data input (high-impedance)
P1
Data input (high-impedance)
Input port (high-impedance)
P2 to P4
Address output (undefined)
P5_0
WR signal output (“H”)(3)
P5_1
BHE signal output (“H”)
P5_2
RD signal output (“H”)(3)
P5_3
BCLK output(3)
P5_4
HLDA signal output (output level depends on an input level to
the HOLD pin)(3)
P5_5
HOLD signal input (high-impedance)
P5_6
“H” signal output(3)
P5_7
RDY signal input (high-impedance)
P6 to P15(1)
Input port (high-impedance)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com