Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8A Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 92Page - Renesas Technology Corp M32C/8A Datasheet HTML 93Page - Renesas Technology Corp M32C/8A Datasheet HTML 94Page - Renesas Technology Corp M32C/8A Datasheet HTML 95Page - Renesas Technology Corp M32C/8A Datasheet HTML 96Page - Renesas Technology Corp M32C/8A Datasheet HTML 97Page - Renesas Technology Corp M32C/8A Datasheet HTML 98Page - Renesas Technology Corp M32C/8A Datasheet HTML 99Page - Renesas Technology Corp M32C/8A Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 372 page
background image
M32C/8A Group
9. Clock Generation Circuits
Rev.1.00
Jul 15, 2007
Page 79 of 352
REJ09B0385-0100
9.1.2
Sub Clock
Sub clock oscillation circuit generates the sub clock. The sub clock is used as the clock source for the CPU
clock and for timer A and timer B. fC, which has the same frequency as the sub clock can be output from the
CLKOUT pin.
The sub clock oscillation circuit is configured by connecting a crystal oscillator between the XCIN and
XCOUT pins. The circuit has an on-chip feedback resistor. The feedback resistor is disconnected from the
oscillation circuit in stop mode to reduce power consumption. The sub clock oscillation circuit may also be
configured by feeding an externally generated clock to the XCIN pin. Figure 9.10 shows an example of sub
clock circuit connection. Circuit constants vary depending on each oscillator. Use the circuit constant
recommended by each oscillator manufacturer.
The sub clock is stopped after reset, and the feedback resistor is disconnected from the oscillation circuit. To
start oscillating the sub clock oscillation circuit, set both the PD8_7 and PD8_6 bits in the PD8 register to 0
(input mode), the PU25 bit in the PUR2 register to 0 (no pull-up), and then the CM04 bit in the CM0 register to
1 (XCIN-XCOUT oscillation function). To input the externally generated clock to the XCIN pin, set the PD8_7
bit to 0, the PU25 bit to 0, and then the CM04 bit to 1. A clock input to the XCIN pin becomes the clock source
for the sub clock.
When the CM07 bit in the CM0 register is set to 1 (sub clock) after the sub clock oscillation stabilizes, the sub
clock becomes the CPU clock source.
All clocks, including the sub clock, stop in stop mode. Refer to 9.5 Power Consumption Control for details.
Figure 9.10
Sub Clock Circuit Connection
XCIN
XCOUT
Oscillator
CCIN
CCOUT
RCd(1)
MCU
(On-chip feedback resistor)
XCIN
XCOUT
MCU
(On-chip feedback resistor)
Open
Externally generated clock
VCC
VSS
VSS
NOTE:
1. Insert a damping resistor if required. Resistance values vary depending on the oscillator setting. Use the resistance values
recommended by the oscillator manufacturer.
If the oscillator manufacturer recommends that a feedback resistor be added to the chip externally, insert a feedback
resistor between XCIN and XCOUT following the instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com