Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8A Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 98Page - Renesas Technology Corp M32C/8A Datasheet HTML 99Page - Renesas Technology Corp M32C/8A Datasheet HTML 100Page - Renesas Technology Corp M32C/8A Datasheet HTML 101Page - Renesas Technology Corp M32C/8A Datasheet HTML 102Page - Renesas Technology Corp M32C/8A Datasheet HTML 103Page - Renesas Technology Corp M32C/8A Datasheet HTML 104Page - Renesas Technology Corp M32C/8A Datasheet HTML 105Page - Renesas Technology Corp M32C/8A Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 372 page
background image
M32C/8A Group
9. Clock Generation Circuits
Rev.1.00
Jul 15, 2007
Page 85 of 352
REJ09B0385-0100
9.5
Power Consumption Control
The power consumption control is enabled by controlling a CPU clock frequency. The higher the CPU clock
frequency is, the more the processing power is available. The lower the CPU clock frequency is, the less power is
consumed. When unnecessary oscillation circuits are stopped, power consumption is further reduced.
CPU operating mode, wait mode, and stop mode are provided as the power consumption control. CPU operating
mode is further separated into the following modes; main clock mode, PLL mode, low-speed mode, low-power
consumption mode, on-chip oscillator mode, and on-chip oscillator low-power consumption mode.
Figure 9.13 shows a mode transition diagram.
Figure 9.13
Mode Transition
9.5.1
CPU operating mode
The CPU clock can be selected from the main clock, sub clock, on-chip oscillator clock, or PLL clock. When
switching the CPU clock source, wait until the new CPU clock source stabilizes. To change the CPU clock
source from the sub clock, on-chip oscillator clock, or PLL clock, set it to the main clock once and then switch
it to another clock.
To switch the CPU clock source from the on-chip oscillator clock to the main clock, set bits MCD4 to MCD0 in
the MCD register to 01000b (divided-by-8 mode) in on-chip oscillator mode.
Table 9.5 lists bit setting and operation mode associated with clocks.
Stop mode
Reset
Sub clock
On-chip oscillator
clock
PLL clock
CM10 = 1
Interrupt
WA
IT
ins
tru
ctio
n
Int
err
up
t
(note 1)
CM10: bit in the CM1 register
NOTE:
1. Bits MCD4 to MCD0 in the MCD register become 01000b (divide-by-8 mode) after reset.
Main clock mode
Wait mode
WAIT
instruction
Interrupt
Low-power
consumption
mode
Low-speed
mode
On-chip
oscillator mode
On-chip oscillator
low-power
consumption mode
PLL mode
WAIT instruction
Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com