| Electronic Components Datasheet Search |
|
M32C/8A Datasheet(PDF) 107 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8A Datasheet(HTML) 107 Page - Renesas Technology Corp |
|
107 / 372 page ![]() M32C/8A Group 9. Clock Generation Circuits Rev.1.00 Jul 15, 2007 Page 90 of 352 REJ09B0385-0100 Table 9.7 Interrupts to Exit Wait Mode and Usage Conditions 9.5.3 Stop Mode In stop mode, all clocks are stopped. Since the CPU clock and peripheral function clocks are stopped, the CPU and the peripheral functions which are operated by these clocks stop their operation. The least power is required to operate the MCU in stop mode. Enter stop mode from main clock mode. 9.5.3.1 Entering Stop Mode Stop mode is entered when setting the CM10 bit in the CM1 register to 1 (all clocks stop) while the NMI pin is held “H”. Also, bits MCD4 to MCD0 in the MCD register become 01000b (divide-by-8 mode) by setting the CM10 bit to 1. Figure 9.15 shows a procedure to enter stop mode. When entering stop mode, the instructions following CM10 = 1 instruction are stored into the instruction queue, and the program stops. When stop mode is exited, the instruction lined in the queue is executed before the exit interrupt routine is handled. Insert the jmp.b instruction as follows after the instruction to set the CM10 bit to 1. fset I ; I flag is set to 1 bset 0, cm1 ; all clocks stopped (stop mode) jmp.b LABEL_001 ; jmp.b instruction executed (no instruction between jmp.b and LABEL.) LABEL_001: nop ; nop(1) nop ; nop(2) nop ; nop(3) nop ; nop(4) mov.b #0, prcr ; protection set . . . Interrupt When CM02 = 0 When CM02 = 1 NMI interrupt Available Available Vdet4 detection interrupt Available Available Serial interface interrupt Available when the source clock is the internal clock or clock input to the CLKi pin. Available when the source clock is the clock input to the CLKi pin or f2n (when fXIND or on-chip oscillator clock is selected). Key input interrupt Available Available A/D conversion interrupt Available in one-shot mode or single- sweep mode Not available Timer A interrupt Timer B interrupt Available in all modes Available in event counter mode or when the count source is fC32 or f2n (when fXIND or on-chip oscillator clock is selected) INT interrupt Available Available |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |