Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8A Datasheet(PDF) 220 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 220 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 216Page - Renesas Technology Corp M32C/8A Datasheet HTML 217Page - Renesas Technology Corp M32C/8A Datasheet HTML 218Page - Renesas Technology Corp M32C/8A Datasheet HTML 219Page - Renesas Technology Corp M32C/8A Datasheet HTML 220Page - Renesas Technology Corp M32C/8A Datasheet HTML 221Page - Renesas Technology Corp M32C/8A Datasheet HTML 222Page - Renesas Technology Corp M32C/8A Datasheet HTML 223Page - Renesas Technology Corp M32C/8A Datasheet HTML 224Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 372 page
background image
M32C/8A Group
17. Serial Interfaces
Rev.1.00
Jul 15, 2007
Page 203 of 352
REJ09B0385-0100
Figure 17.7
U0C0 to U4C0 Registers
b7 b6 b5 b4
b1
b2
b3
Symbol
U0C0 to U2C0
U3C0, U4C0
Address
036Ch, 02ECh, 033Ch
032Ch, 02FCh
After Reset
0000 1000b
0000 1000b
b0
Function
Bit Symbol
Bit Name
RW
CRS
CLK1
CLK0
NCH
CKPOL
0: Data in the transmit shift register
(during transmit operation)
1: No data in the transmit shift register
(transmit operation is completed)
Transmit shift register
empty flag
CLK polarity select bit
UiBRG count source select
bits(1)
CRD
TXEPT
0: CTS function enabled
1: CTS function disabled
0: Transmit data output at the falling edge and
receive data input at the rising edge of the
serial clock
1: Transmit data output at the rising edge and
receive data input at the falling edge of the
serial clock
CTS function disable bit
0: TXDi/SDAi and SCLi are CMOS output ports
1: TXDi/SDAi and SCLi are N-channel open
drain output ports
Data output select bit3)
Bit order select bit(4)
0 : LSB first
1 : MSB first
UFORM
UARTi Transmit/Receive Control Register 0 (i = 0 to 4)
RW
RW
RW
RO
RW
RW
RW
RW
CTS function select bit
Enabled when CRD = 0
0: CTS function selected
1: CTS function not selected
b1 b0
0 0: f1 selected
0 1: f8 selected
1 0: f2n selected(2)
1 1: Do not set to this value
NOTES:
1. Set the UiBRG register after setting bits CLK1 and CLK0.
2. Bits CNT3 to CNT0 in the TCSPR register select no division (n = 0) or divide-by-2n (n = 1 to 15). To select f2n, set the
CST bit in the TCSPR register to 1 before setting bits CLK1 and CLK0 to 10b.
3. P7_0/TXD2, P7_1/SCL2 are N-channel open drain output ports. They cannot be selected as CMOS output ports.
4. The UFORM bit is enabled when bits SMD2 to SMD0 in the UiMR register are set to 001b (clock synchronous mode) or 101b
(UART mode, 8-bit data length). Set the UFORM bit to 1 when bits SMD2 to SMD0 are set to 010b (I 2C mode), or to 0 when bits
SMD2 to SMD0 are set to 100b (UART mode, 7-bit data length) or 110b (UART mode, 9-bit data length).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com