Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8A Datasheet(PDF) 225 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 225 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 221Page - Renesas Technology Corp M32C/8A Datasheet HTML 222Page - Renesas Technology Corp M32C/8A Datasheet HTML 223Page - Renesas Technology Corp M32C/8A Datasheet HTML 224Page - Renesas Technology Corp M32C/8A Datasheet HTML 225Page - Renesas Technology Corp M32C/8A Datasheet HTML 226Page - Renesas Technology Corp M32C/8A Datasheet HTML 227Page - Renesas Technology Corp M32C/8A Datasheet HTML 228Page - Renesas Technology Corp M32C/8A Datasheet HTML 229Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 372 page
background image
M32C/8A Group
17. Serial Interfaces
Rev.1.00
Jul 15, 2007
Page 208 of 352
REJ09B0385-0100
Table 17.2
Pin Settings in Clock Synchronous Mode
NOTES:
1. Set registers PS0, PS1, and PS3 after setting other registers.
2. Set the PD9 or PS3 register immediately after the PRC2 bit in the PRCR register is set to 1 (write enable). Do
not generate an interrupt or a DMA or DMACII transfer between these two instructions.
3. P7_0 is an N-channel open drain output port.
4. After UARTi (i = 0 to 4) operating mode is selected and the pin function is set in the Function Select Registers,
the TXDi pin outputs an “H” signal until a transmit operation starts (the TXDi pin is in a high-impedance state
when N-channel open drain output is selected).
Port
Function
Bit Setting
PD6, PD7, PD9
Registers(2)
PSC Register
PSL0, PSL1, PSL3
Registers
PS0, PS1, PS3
Registers(1)(2)
P6_0
CTS0 input
PD6_0 = 0
−−
PS0_0 = 0
RTS0 output
−−
PSL0_0 = 0
PS0_0 = 1
P6_1
CLK0 input
PD6_1 = 0
−−
PS0_1 = 0
CLK0 output
−
−
PSL0_1 = 0
PS0_1 = 1
P6_2
RXD0 input
PD6_2 = 0
−−
PS0_2 = 0
P6_3
TXD0 output(4)
−
−
PSL0_3 = 0
PS0_3 = 1
P6_4
CTS1 input
PD6_4 = 0
−−
PS0_4 = 0
RTS1 output
−−
PSL0_4 = 0
PS0_4 = 1
P6_5
CLK1 input
PD6_5 = 0
−−
PS0_5 = 0
CLK1 output
−−
PSL0_5 = 0
PS0_5 = 1
P6_6
RXD1 input
PD6_6 = 0
−−
PS0_6 = 0
P6_7
TXD1 output(4)
−−
PSL0_7 = 0
PS0_7 = 1
P7_0(3)
TXD2 output(4)
−
PSC_0 = 0
PSL1_0 = 0
PS1_0 = 1
P7_1
RXD2 input
PD7_1 = 0
−−
PS1_1 = 0
P7_2
CLK2 input
PD7_2 = 0
−−
PS1_2 = 0
CLK2 output
−
PSC_2 = 0
PSL1_2 = 0
PS1_2 = 1
P7_3
CTS2 input
PD7_3 = 0
−−
PS1_3 = 0
RTS2 output
−
PSC_3 = 0
PSL1_3 = 0
PS1_3 = 1
P9_0
CLK3 input
PD9_0 = 0
−−
PS3_0 = 0
CLK3 output
−−
PSL3_0 = 0
PS3_0 = 1
P9_1
RXD3 input
PD9_1 = 0
−−
PS3_1 = 0
P9_2
TXD3 output(4)
−−
PSL3_2 = 0
PS3_2 = 1
P9_3
CTS3 input
PD9_3 = 0
−
PSL3_3 = 0
PS3_3 = 0
RTS3 output
−−
−
PS3_3 = 1
P9_4
CTS4 input
PD9_4 = 0
−
PSL3_4 = 0
PS3_4 = 0
RTS4 output
-
−
−
PS3_4 = 1
P9_5
CLK4 input
PD9_5 = 0
−
PSL3_5 = 0
PS3_5 = 0
CLK4 output
−−
−
PS3_5 = 1
P9_6
TXD4 output(4)
−−
−
PS3_6 = 1
P9_7
RXD4 input
PD9_7 = 0
−−
PS3_7 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com