Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8A Datasheet(PDF) 284 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 284 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 280Page - Renesas Technology Corp M32C/8A Datasheet HTML 281Page - Renesas Technology Corp M32C/8A Datasheet HTML 282Page - Renesas Technology Corp M32C/8A Datasheet HTML 283Page - Renesas Technology Corp M32C/8A Datasheet HTML 284Page - Renesas Technology Corp M32C/8A Datasheet HTML 285Page - Renesas Technology Corp M32C/8A Datasheet HTML 286Page - Renesas Technology Corp M32C/8A Datasheet HTML 287Page - Renesas Technology Corp M32C/8A Datasheet HTML 288Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 372 page
background image
M32C/8A Group
18. A/D Converter
Rev.1.00
Jul 15, 2007
Page 267 of 352
REJ09B0385-0100
18.1.7
Multi-Port Repeat Sweep Mode 0
In multi-port repeat sweep mode 0, analog voltage that is applied to 16 selected pins is repeatedly converted to
a digital code. Set the DUS bit in the AD0CON3 register to 1 (DMAC operating mode enabled).
Table 18.10 lists specifications of multi-port repeat sweep mode 0.
Table 18.10
Multi-Port Repeat Sweep Mode 0 Specifications
Item
Specification
Function
Analog voltage applied to the 16 selected pins is repeatedly converted in the
following order: AN_0 to AN_7
→ AN15_0 to AN15_7
Analog input pins
• AN_0
→ AN_1 → . . . → AN_7 → AN15_0 → AN15_1→ . . . → AN15_7
The following register settings determine which pins are used:
Bits MPS11 and MPS10 in the AD0CON4 register
Start condition
Software trigger is selected. (TRG bit in the AD0CON0 register = 0):
• the ADST bit in the AD0CON0 register is set to 1 (A/D conversion starts)
External trigger, hardware trigger is selected (TRG bit = 1):
• TRG0 bit in the AD0CON2 register = 0
The falling edge is detected on the ADTRG pin after the ADST bit is set to 1
• TRG0 bit = 1
Timer B2 interrupt request of three-phase motor control timer function (after
the ICTB2 register completes counting) is generated after the ADST bit is set
to 1.
Stop condition
Set the ADST bit is set to 0 (A/D conversion stops)
Interrupt request generation timing An interrupt request is generated every time each A/D conversion is completed
(Set the DUS bit in the AD0CON3 register to 1)
Read of A/D conversion result
A/D conversion result is stored into the AD00 register after A/D conversion is
completed. Then, DMAC transfers the data from the AD00 register to a given
memory space. Refer to 13. DMAC for DMAC settings (Set the DUS bit in the
AD0CON3 register to 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com