Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640DDFB Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # R5F3640DDFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640DDFB Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button R5F3640DDFB Datasheet HTML 40Page - Renesas Technology Corp R5F3640DDFB Datasheet HTML 41Page - Renesas Technology Corp R5F3640DDFB Datasheet HTML 42Page - Renesas Technology Corp R5F3640DDFB Datasheet HTML 43Page - Renesas Technology Corp R5F3640DDFB Datasheet HTML 44Page - Renesas Technology Corp R5F3640DDFB Datasheet HTML 45Page - Renesas Technology Corp R5F3640DDFB Datasheet HTML 46Page - Renesas Technology Corp R5F3640DDFB Datasheet HTML 47Page - Renesas Technology Corp R5F3640DDFB Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 23 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
4. Special Function Registers (SFRs)
NOTE:
X: Undefined
1.
The blank areas are reserved and cannot be accessed by users.
Table 4.6
SFR Information (6) (1)
Address
Register
Symbol
After Reset
01E0h
01E1h
01E2h
01E3h
01E4h
01E5h
01E6h
01E7h
01E8h
Timer B Count Source Select Register 2
TBCS2
00h
01E9h
Timer B Count Source Select Register 3
TBCS3
X0h
01EAh
01EBh
01ECh
01EDh
01EEh
01EFh
01F0h
01F1h
01F2h
01F3h
01F4h
01F5h
01F6h
01F7h
01F8h
01F9h
01FAh
01FBh
01FCh
01FDh
01FEh
01FFh
0200h
0201h
0202h
0203h
0204h
0205h
Interrupt Source Select Register 3
IFSR3A
00h
0206h
Interrupt Source Select Register 2
IFSR2A
00h
0207h
Interrupt Source Select Register
IFSR
00h
0208h
0209h
020Ah
020Bh
020Ch
020Dh
020Eh
Address Match Interrupt Enable Register
AIER
XXXXXX00b
020Fh
Address Match Interrupt Enable Register 2
AIER2
XXXXXX00b
0210h
Address Match Interrupt Register 0
RMAD0
00h
0211h
00h
0212h
X0h
0213h
0214h
Address Match Interrupt Register 1
RMAD1
00h
0215h
00h
0216h
X0h
0217h
0218h
Address Match Interrupt Register 2
RMAD2
00h
0219h
00h
021Ah
X0h
021Bh
021Ch
Address Match Interrupt Register 3
RMAD3
00h
021Dh
00h
021Eh
X0h
021Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com