Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640DDFB Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # R5F3640DDFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640DDFB Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button R5F3640DDFB Datasheet HTML 8Page - Renesas Technology Corp R5F3640DDFB Datasheet HTML 9Page - Renesas Technology Corp R5F3640DDFB Datasheet HTML 10Page - Renesas Technology Corp R5F3640DDFB Datasheet HTML 11Page - Renesas Technology Corp R5F3640DDFB Datasheet HTML 12Page - Renesas Technology Corp R5F3640DDFB Datasheet HTML 13Page - Renesas Technology Corp R5F3640DDFB Datasheet HTML 14Page - Renesas Technology Corp R5F3640DDFB Datasheet HTML 15Page - Renesas Technology Corp R5F3640DDFB Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 398 page
background image
B - 5
Address
Register
Symbol
Page
035Ch
035Dh
035Eh
035Fh
0360h
Pull-Up Control Register 0
PUR0
258
0361h
Pull-Up Control Register 1
PUR1
258
0362h
Pull-Up Control Register 2
PUR2
259
0363h
0364h
0365h
0366h
Port Control Register
PCR
259
0367h
0368h
0369h
036Ah
036Bh
036Ch
036Dh
036Eh
036Fh
0370h
0371h
0372h
0373h
0374h
0375h
0376h
0377h
0378h
0379h
037Ah
037Bh
037Ch
Count Source Protection Mode Register
CSPR
120
037Dh
Watchdog Timer Reset Register
WDTR
119
037Eh
Watchdog Timer Start Register
WDTS
119
037Fh
Watchdog Timer Control Register
WDC
119
0380h
0381h
0382h
0383h
0384h
0385h
0386h
0387h
0388h
0389h
038Ah
038Bh
038Ch
038Dh
038Eh
038Fh
0390h
DMA2 Source Select Register
DM2SL
125
0391h
0392h
DMA3 Source Select Register
DM3SL
125
0393h
0394h
0395h
0396h
0397h
0398h
DMA0 Source Select Register
DM0SL
125
0399h
039Ah
DMA1 Source Select Register
DM1SL
125
039Bh
039Ch
039Dh
039Eh
039Fh
Address
Register
Symbol
Page
03A0h
03A1h
03A2h
03A3h
03A4h
03A5h
03A6h
03A7h
03A8h
03A9h
03AAh
03ABh
03ACh
03ADh
03AEh
03AFh
03B0h
03B1h
03B2h
03B3h
03B4h
03B5h
03B6h
03B7h
03B8h
03B9h
03BAh
03BBh
03BCh
CRC Data Register
CRCD
248
03BDh
03BEh
CRC Input Register
CRCIN
248
03BFh
03C0h
A/D Register 0
AD0
233
03C1h
03C2h
A/D Register 1
AD1
233
03C3h
03C4h
A/D Register 2
AD2
233
03C5h
03C6h
A/D Register 3
AD3
233
03C7h
03C8h
A/D Register 4
AD4
233
03C9h
03CAh
A/D Register 5
AD5
233
03CBh
03CCh
A/D Register 6
AD6
233
03CDh
03CEh
A/D Register 7
AD7
233
03CFh
03D0h
03D1h
03D2h
03D3h
03D4h
A/D Control Register 2
ADCON2
233
03D5h
03D6h
A/D Control Register 0
ADCON0
232
03D7h
A/D Control Register 1
ADCON1
232
03D8h
D/A0 Register
DA0
247
03D9h
03DAh
D/A1 Register
DA1
247
03DBh
03DCh
D/A Control Register
DACON
247
03DDh
03DEh
03DFh
03E0h
Port P0 Register
P0
257
03E1h
Port P1 Register
P1
257
03E2h
Port P0 Direction Register
PD0
256
03E3h
Port P1 Direction Register
PD1
256
NOTE: 1. Blank columns are all reserved space. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com