Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7021 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 37Page - Renesas Technology Corp SH7021 Datasheet HTML 38Page - Renesas Technology Corp SH7021 Datasheet HTML 39Page - Renesas Technology Corp SH7021 Datasheet HTML 40Page - Renesas Technology Corp SH7021 Datasheet HTML 41Page - Renesas Technology Corp SH7021 Datasheet HTML 42Page - Renesas Technology Corp SH7021 Datasheet HTML 43Page - Renesas Technology Corp SH7021 Datasheet HTML 44Page - Renesas Technology Corp SH7021 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 509 page
background image
20 RENESAS
cycles.
T bit: T bit (in the status register) is set according to the result of a comparison, and in turn is the
condition (True/False) that determines if the program will branch. The T bit in the status register is
only changed by selected instructions, thus improving the processing speed.
Table 2.4
T bit
CPU of SH7000 Series
Description
Conventional CPU
CMP/GE R1, R0
BT
TRGET0
BF
TRGET1
T bit is set when R0
≥ R1. The program
branches to TRGET0 when R0
≥ R1
and to TRGET1 when R0<R1.
CMP.W
R1, R0
BGE
TRGET0
BLT
TRGET1
ADD
#–1, R0
TST
R0, R0
BT
TRGET
T bit is not changed by ADD. T bit is set
when R0=0. The program branches if
R0=0.
SUB.W
#1, R0
BEQ
TRGET
Immediate Data: Byte (8-bit) immediate data is located in the instruction code. Word or long
word immediate data is not located in instruction codes but is stored in a memory table. The
memory table is accessed by a immediate data transfer instruction (MOV) using the PC relative
addressing mode with displacement.
Table 2.5
Immediate Data Accessing
Classification
CPU of SH7000 Series
Conventional CPU
8-bit immediate
MOV
#H'12, R0
MOV.B
#H'12, R0
16-bit immediate
MOV.W
@(disp,PC), R0
.........
.DATA.W
H'1234
MOV.W
#H'1234, R0
32-bit immediate
MOV.L
@(disp,PC), R0
.........
.DATA.L
H'12345678
MOV.L
#H'12345678, R0
Note:
The address of the immediate data is accessed by @(disp, PC).
Absolute Address: When data is accessed by absolute address, the value already in the absolute
address is placed in the memory table. By loading the immediate data when the instruction is
executed, that value is transferred to the register and the data is accessed in the indirect register
addressing mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com