Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7021 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 78Page - Renesas Technology Corp SH7021 Datasheet HTML 79Page - Renesas Technology Corp SH7021 Datasheet HTML 80Page - Renesas Technology Corp SH7021 Datasheet HTML 81Page - Renesas Technology Corp SH7021 Datasheet HTML 82Page - Renesas Technology Corp SH7021 Datasheet HTML 83Page - Renesas Technology Corp SH7021 Datasheet HTML 84Page - Renesas Technology Corp SH7021 Datasheet HTML 85Page - Renesas Technology Corp SH7021 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 509 page
background image
RENESAS 63
5.1.3
Pin Configuration
INTC pins are summarized in table 5.1.
Table 5.1
INTC Pin Configuration
Name
Abbr.
I/O
Function
Nonmaskable interrupt input
pin
NMI
I
Inputs a non-maskable interrupt request
signal
Interrupt request input pins
IRQ0–IRQ7
I
Inputs maskable interrupt request signals
Interrupt request output pin
IRQOUT
O
Outputs a signal indicating an interrupt
source has occurred.
5.1.4
Registers
The interrupt controller has six registers as listed in table 5.2. These registers are used for setting
interrupt priority levels and controlling the detection of external interrupt input signals.
Table 5.2
Interrupt Controller Register Configuration
Name
Abbr.
R/W
Address*2
Initial Value
Bus width
Interrupt priority register A
IPRA
R/W
H'5FFFF84
H'0000
8, 16, 32
Interrupt priority register B
IPRB
R/W
H'5FFFF86
H'0000
8, 16, 32
Interrupt priority register C
IPRC
R/W
H'5FFFF88
H'0000
8, 16, 32
Interrupt priority register D
IPRD
R/W
H'5FFFF8A
H'0000
8, 16, 32
Interrupt priority register E
IPRE
R/W
H'5FFFF8C
H'0000
8, 16, 32
Interrupt control register
ICR
R/W
H'5FFFF8E
*1
8, 16, 32
Note:
1. H'8000 when pin NMI is high, H'0000 when pin NMI is low.
2. Only the values of bits A27–A24 and A8–A0 are valid; bits A23–A9 are ignored. For
details on the register addresses, see section 8.3.5, Description of Areas.
5.2
Interrupt Sources
There are four types of interrupt sources: NMI, user break, IRQ, and on-chip peripheral module
interrupts.
Interrupt rankings are expressed as priority levels (0–16), with 0 the lowest and 16 the highest. An
interrupt set to level 0 is masked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com