Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7021 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 29Page - Renesas Technology Corp SH7021 Datasheet HTML 30Page - Renesas Technology Corp SH7021 Datasheet HTML 31Page - Renesas Technology Corp SH7021 Datasheet HTML 32Page - Renesas Technology Corp SH7021 Datasheet HTML 33Page - Renesas Technology Corp SH7021 Datasheet HTML 34Page - Renesas Technology Corp SH7021 Datasheet HTML 35Page - Renesas Technology Corp SH7021 Datasheet HTML 36Page - Renesas Technology Corp SH7021 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 509 page
background image
12 RENESAS
Table 1.3
Pin Functions (cont)
Type
Symbol
Pin No.
I/O
Name and Function
16-bit
integrated-
TOCXA4,
TOCXB4
90, 91
O
ITU output compare (channel 4): Output compare pins.
timer pulse
unit (ITU)
TCLKA–
TCLKD
65, 66,
90, 91
I
ITU timer clock input: External clock input pins for ITU
counters.
Timing
pattern
controller
(TPC)
TP15–
TP0
100–93,
91–89,
87–83
O
Timing pattern output 15–0: Timing pattern output pins.
Serial
com-
munication
TxD0,
TxD1
94, 96
O
Transmit data (channels 0 and 1): Transmit data output
pins for SCI0 and SCI1.
interface
(SCI)
RxD0,
RxD1
93, 95
I
Receive data (channels 0 and 1): Receive data input
pins for SCI0 and SCI1.
SCK0,
SCK1
97, 98
I/O
Serial clock (channels 0 and 1): Clock input/output pins
for SCI0 and SCI1.
I/O ports
PA15–
PA0
68–64,
62–60,
58-51
I/O
Port A: 16-bit input/output pins. Input or output can be
selected individually for each bit.
PB15–
PB0
100–93,
91–89,
87–83
I/O
Port B: 16-bit input/output pins. Input or output can be
selected individually for each bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com