Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7021 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 21Page - Renesas Technology Corp SH7021 Datasheet HTML 22Page - Renesas Technology Corp SH7021 Datasheet HTML 23Page - Renesas Technology Corp SH7021 Datasheet HTML 24Page - Renesas Technology Corp SH7021 Datasheet HTML 25Page - Renesas Technology Corp SH7021 Datasheet HTML 26Page - Renesas Technology Corp SH7021 Datasheet HTML 27Page - Renesas Technology Corp SH7021 Datasheet HTML 28Page - Renesas Technology Corp SH7021 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 509 page
background image
4 RENESAS
Table 1.1 Features of the SH7032 and SH7034 Microcomputers (cont)
Feature
Description
Direct memory access
controller (DMAC)
(4 channels)
Permits DMA transfer between the following modules:
• External memory
• External I/O
• On-chip memory
• Peripheral on-chip modules (except DMAC)
DMA transfer can be requested from external pins, on-chip SCI, on-
chip timers, and on-chip A/D converter
Cycle-steal mode or burst mode
Channel priority level is selectable
Channels 0 and 1: dual or single address transfer mode is
selectable; external request sources are supported; Channels 2 and
3: dual address transfer mode, internal request sources only
16-bit integrated-timer
Ten types of waveforms can be output
pulse unit (ITU)
Input pulse width and cycle can be measured
PWM mode: pulse output with 0–100% duty cycle (maximum
resolution: 50 ns)
Complementary PWM mode: can output a maximum of three pairs
of non-overlapping PWM waveforms
Phase counting mode: can count up or down according to the phase
of an external two-phase clock
Timing pattern controller
Maximum 16-bit output (4 bits
× 4 channels) can be output
(TPC)
Non-overlap intervals can be established between pairs of
waveforms
Timing-source timer is selectable
Watchdog timer (WDT)
Can be used as watchdog timer or interval timer
(1 channel)
Timer overflow can generate an internal reset, external signal, or
interrupt
Power-on reset or manual reset can be selected as the internal reset
Serial communication
Asynchronous or clocked synchronous mode is selectable
interface (SCI) (2 channels)
Can transmit and receive simultaneously (full duplex)
On-chip baud rate generator in each channel
Multiprocessor communication function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com