Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7021 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 42Page - Renesas Technology Corp SH7021 Datasheet HTML 43Page - Renesas Technology Corp SH7021 Datasheet HTML 44Page - Renesas Technology Corp SH7021 Datasheet HTML 45Page - Renesas Technology Corp SH7021 Datasheet HTML 46Page - Renesas Technology Corp SH7021 Datasheet HTML 47Page - Renesas Technology Corp SH7021 Datasheet HTML 48Page - Renesas Technology Corp SH7021 Datasheet HTML 49Page - Renesas Technology Corp SH7021 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 509 page
background image
RENESAS25
Table 2.8
Addressing Modes and Effective Addresses (cont)
Addressing
Mode
Mnemonic
Expression
Effective Addresses Calculation
Equation
Immediate
addressing
#imm:8
The 8-bit immediate data (imm) for the TST, AND,
OR, and XOR instructions are zero-extended.
—
#imm:8
The 8-bit immediate data (imm) for the MOV, ADD,
and CMP/EQ instructions are sign-extended.
—
#imm:8
Immediate data (imm) for the TRAPA instruction is
zero-extended and is quadrupled.
—
2.3.3
Instruction Formats
The instruction format refers to the source operand and the destination operand. The meaning of
the operand depends on the instruction code. Symbols are as follows.
xxxx
Instruction code
mmmm
Source register
nnnn
Destination register
iiii
Immediate data
dddd
Displacement
Table 2.9
Instruction Formats
Instruction Formats
Source
Operand
Destination
Operand
Instruction
Example
0 format
xxxx
xxxx
xxxx
xxxx
15
0
——
NOP
n format
—
nnnn: Direct
register
MOVT
Rn
xxxx
xxxx
xxxx
nnnn
15
0
Control register
or system
register
nnnn: Direct
register
STS
MACH,Rn
Control register
or system
register
nnnn: Indirect pre-
decrement register
STC.L
SR,@-Rn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com