Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C13 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 69Page - Renesas Technology Corp R8C13 Datasheet HTML 70Page - Renesas Technology Corp R8C13 Datasheet HTML 71Page - Renesas Technology Corp R8C13 Datasheet HTML 72Page - Renesas Technology Corp R8C13 Datasheet HTML 73Page - Renesas Technology Corp R8C13 Datasheet HTML 74Page - Renesas Technology Corp R8C13 Datasheet HTML 75Page - Renesas Technology Corp R8C13 Datasheet HTML 76Page - Renesas Technology Corp R8C13 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 62 of 205
REJ09B0111-0120
R8C/13 Group
______
______
10.2.3 INT1 Interrupt and INT2 Interrupt
______
______
INT1 interrupts are triggered by INT1 inputs. The edge polarity can be selected with the R0EDG bit in
______
the TXMR register. The INT1 pin is shared with the CNTR0 pin.
______
______
INT2 interrupts are triggered by INT2 inputs. The edge polarity can be selected with the R1EDG bit in
______
the TYZMR register. The INT2 pin shared with the CNTR1 pin.
______
_____
Figure 10.13 shows the TXMR and TYZMR registers when using INT1 and INT2 interrupts.
______
______
Figure 10.13 TXMR Register and TYZMR Register when INT1 and INT2 Interrupt Used
Timer X mode register
SymbolAddressAfter reset
TXMR008B16
0016
Bit name
Function
Bit symbol
RW
b7 b6 b5 b4 b3 b2 b1 b0
0 0 : Timer mode or pulse period
measurement mode(3)
b1 b0
TXMOD2
TXS
TXMOD1
R0EDG
TXMOD0
TXOCNT
Operation mode
select bit 0, 1
Timer X count
start flag
0 : Stops counting
1 : Starts counting
Operation mode
select bit 2
00
0
Set to "0" in timer mode
0 : Rising edge
1 : Falling edge
0
TXEDG
TXUND
RW
RW
RW
RW
RW
RW
RW
RW
INT1/CNTR0 polarity
switching bit(1, 2)
Set to "0" in timer mode
Set to "0" in timer mode
0 : Other than pulse period measurement
mode(3)
NOTES:
1. The IR bit in the INT1IC may be set to “1” (interrupt requested) when the R0EDG bit is rewritten. Refer to the
paragraph 19.2.5 “Changing Interrupt Factor” in the Usage Notes Reference Book.
2. This bit is used to select the polarity of INT1 interrupt in timer mode.
3. When using INT1 interrupts, should select timer mode.
00
Timer Y, Z mode register
SymbolAddressAfter reset
TYZMR008016
0016
Bit name
Function
Bit symbol
b7 b6 b5 b4 b3 b2 b1 b0
TZMOD1
TYS
TYWC
TYMOD0
TZMOD0
Timer Y operation
mode bit
Timer Y write
control bit
Functions varies depending on
the operation mode
0 : Timer mode(1)
TZWC
TZS
0 : Stops counting
1 : Starts counting
Timer Z-related bit
Timer Y count
start flag
0
RW
RW
RW
RW
RW
RW
R1EDG
0 : Rising edge
1 : Falling edge
INT2/CNTR1 polarity
switching bit(2)
RW
RW
RW
NOTES:
1. When using INT2 interrupts, must set to timer mode.
2. The IR bit in the INT2IC may be set to “1” (interrupt requested) when the R1EDG bit is rewritten.
Refer to the paragraph 19.2.5 “Changing Interrupt Factor” in the Usage Notes Reference Book.
______
10.2 INT Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com