Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C13 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 24Page - Renesas Technology Corp R8C13 Datasheet HTML 25Page - Renesas Technology Corp R8C13 Datasheet HTML 26Page - Renesas Technology Corp R8C13 Datasheet HTML 27Page - Renesas Technology Corp R8C13 Datasheet HTML 28Page - Renesas Technology Corp R8C13 Datasheet HTML 29Page - Renesas Technology Corp R8C13 Datasheet HTML 30Page - Renesas Technology Corp R8C13 Datasheet HTML 31Page - Renesas Technology Corp R8C13 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 17 of 205
REJ09B0111-0120
R8C/13 Group
This is the reset generated by the voltage detection circuit which is built-in to the microcomputer. The
voltage detection circuit monitors the input voltage at Vcc input pin. The microcomputer is reset when
the voltage at the VCC input pin drops below Vdet if all of the following conditions hold true.
• The VC27 bit in the VCR2 register is set to “1” (voltage detection circuit enabled)
• The D40 bit in the D4INT register is set to “1” (voltage detection interrupt enabled)
• The D46 bit in the D4INT register is set to “1” (hardware reset 2 when going through Vdet)
When using a digital filter (D41 bit in the D4INT register is set to “1”), set the CM14 bit in the CM1
register to “0”(low-speed on-chip oscillator oscillates).
Conversely, when the input voltage at the VCC pin rises to Vdet or more, the pins, CPU, and SFR are
initialized and counting the low-speed on-chip oscillator starts. When counting the low-speed on-chip
oscillator clock 32 times, the internal reset is exited and the program is executed beginning with the
address indicated by the reset vector. The initialized pins and registers and the status thereof are the
same as in hardware reset 1. Refer to Section 5.4 “Voltage Detection Circuit.”
5.1.2 Hardware Reset 2
5.1 Hardware Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com