Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C13 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 83Page - Renesas Technology Corp R8C13 Datasheet HTML 84Page - Renesas Technology Corp R8C13 Datasheet HTML 85Page - Renesas Technology Corp R8C13 Datasheet HTML 86Page - Renesas Technology Corp R8C13 Datasheet HTML 87Page - Renesas Technology Corp R8C13 Datasheet HTML 88Page - Renesas Technology Corp R8C13 Datasheet HTML 89Page - Renesas Technology Corp R8C13 Datasheet HTML 90Page - Renesas Technology Corp R8C13 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 76 of 205
REJ09B0111-0120
R8C/13 Group
12.1.4 Pulse Width Measurement Mode
In this mode, the timer measures the pulse width of an external signal fed to INT1/CNTR0 pin (See
“Table 12.5 Pulse Width Measurement Mode Specifications”). Figure 12.7 shows the TXMR register
in pulse width measurement mode. Figure 12.8 shows an operation example in pulse width measure-
ment mode.
Item
Specification
Count source
f1, f2, f8, f32
Count operation
• Down-count
• Continuously counts the selected signal only when the measurement pulse is "H" level,
or conversely only "L" level.
• When the timer underflows, the contents in the reload register is reloaded and the count
is contiuned.
Count start condition
Write “1” (count start) to TXS bit in TXMR register
Count stop condition
Write “0” (count stop) to TXS bit in TXMR register
Interrupt request
• When Timer X underflows [Timer X interruption]
generation timing
• Rising or falling of CNTR0 input (end of measurement period) [INT1 interrupt]
INT1/CNTR0 pin function
Measurement pulse input
CNTR0 pin function
Programmable I/O port
Read from timer
Count value can be read by reading TX register
Same applies to PREX register.
Write to timer
Value written to TX register is written to both reload register and counter.
Same applies to PREX register.
Select function
_____
• INT1/CNTR0 polarity switching function
“H” or “L” level duration can be selected with R0EDG bit as the input pulse measurement
Table 12.5 Pulse Width Measurement Mode Specifications
Figure 12.7 TXMR Register in Pulse Width Measurement Mode
12.1 Timer (Timer X)
Timer X mode register
Symbol
Address
After reset
TXMR
008B16
0016
Bit name
Function
Bit symbol
RW
b7 b6 b5 b4 b3 b2 b1 b0
b1 b0
TXMOD2
TXS
TXMOD1
R0EDG
TXMOD0
TXOCNT
Operation mode
select bit 0, 1
Timer X count
start flag
0 : Stops counting
1 : Starts counting
0
1
Set to "0" in pulse width measurement mode
0
TXEDG
TXUND
RW
RW
RW
RW
RW
RW
RW
RW
INT1/CNTR0 polarity
switching bit(1)
NOTES:
1. IThe IR bit in the INT1IC register may be set to “1” (interrupt requested) when the R0EDG bit is rewritten.
Refer to the paragraph 19.2.5 “Changing Interrupt Factor” in the Usage Notes Reference Book.
00
1
[CNTR0]
0 : Measures “H” level width
1 : Measures “L” level width
[INT1]
0 : Rising edge
1 : Falling edge
1 1 : Pulse width measurement mode
Set to "0" in pulse width measurement mode
Set to "0" in pulse width measurement mode
Set to "0" in pulse width measurement mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com