Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C13 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 10Page - Renesas Technology Corp R8C13 Datasheet HTML 11Page - Renesas Technology Corp R8C13 Datasheet HTML 12Page - Renesas Technology Corp R8C13 Datasheet HTML 13Page - Renesas Technology Corp R8C13 Datasheet HTML 14Page - Renesas Technology Corp R8C13 Datasheet HTML 15Page - Renesas Technology Corp R8C13 Datasheet HTML 16Page - Renesas Technology Corp R8C13 Datasheet HTML 17Page - Renesas Technology Corp R8C13 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 3 of 205
REJ09B0111-0120
R8C/13 Group
1. Overview
1.3 Block Diagram
Figure 1.1 shows this MCU block diagram.
Figure 1.1 Block Diagram
Timer X (8 bits)
Timer Y (8 bits)
Timer Z (8 bits)
Timer C (16 bits)
Watchdog timer
(15 bits)
Memory
R8C/Tiny Series CPU core
I/O port
Port P0
8
Port P1
8
Port P3
5
Multiplier
System clock generator
XIN-XOUT
High-speed on-chip oscillator
Low-speed on-chip oscillator
UART
(8 bits ✕ 1 channel)
Port P4
1
2
Peripheral functions
UART or Clock synchronous
serial I/O
(8 bits ✕ 1 channel)
A/D converter
(10 bits ✕ 12 channels)
NOTES:
1. ROM size depends on MCU type.
2. RAM size depends on MCU type.
R0L
R0H
R1HR1L
R2
R3
A0
A1
FB
SB
ISP
USP
INTB
PC
FLG
Timer
ROM
RAM
(2)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com