Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7721 Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 105Page - Renesas Technology Corp 7721 Datasheet HTML 106Page - Renesas Technology Corp 7721 Datasheet HTML 107Page - Renesas Technology Corp 7721 Datasheet HTML 108Page - Renesas Technology Corp 7721 Datasheet HTML 109Page - Renesas Technology Corp 7721 Datasheet HTML 110Page - Renesas Technology Corp 7721 Datasheet HTML 111Page - Renesas Technology Corp 7721 Datasheet HTML 112Page - Renesas Technology Corp 7721 Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 577 page
background image
7721 Group User’s Manual
INTERRUPTS
7–12
7.6 Interrupt priority level detection time
When the interrupt priority level detection time has passed after sampling starts, an interrupt request is
accepted. The interrupt priority level detection time can be selected by software. Figure 7.6.1 shows the
interrupt priority level detection time. Usually, select “2 cycles of
φ” as the interrupt priority level detection
time.
7.6 Interrupt priority level detection time
(2) Interrupt priority level detection time
Op-code fetch cycle
Sampling pulse
(a) 7 cycles
(b) 4 cycles
(c) 2 cycles
Interrupt priority level
detection time
(Note)
Note: The pulse resides when “2 cycles of
” is selected.
b7
b6
b5
b4
b3
b2
b1
b0
0
0 0
0 1
1 0
1 1
Processor mode register 0 (Address 5E16)
Processor mode bits
Software reset bit
Must be fixed to “0.”
Clock
1
output select bit
7 cycles of
[(a) shown below]
4 cycles of
[(b) shown below]
2 cycles of
[(c) shown below]
Interrupt priority detection time select bits
Do not select.
(1) Interrupt priority detection time select bits
b5, b4
Wait bit
Fig. 7.6.1 Interrupt priority level detection time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com