| Electronic Components Datasheet Search |
|
7721 Datasheet(PDF) 110 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7721 Datasheet(HTML) 110 Page - Renesas Technology Corp |
|
110 / 577 page ![]() 7721 Group User’s Manual INTERRUPTS 7–13 7.7 Sequence from acceptance of interrupt request until execution of interrupt routine The sequence from the acceptance of interrupt request until the execution of the interrupt routine is described below. When an interrupt request is accepted, the interrupt request bit of the accepted interrupt is cleared to “0.” And then, the interrupt processing starts from the cycle just after the completion of the instruction which was executed at accepting the interrupt request. Figure 7.7.1 shows the sequence from acceptance of interrupt request to execution of interrupt routine. After execution of an instruction at accepting the interrupt request is completed, an INTACK (Interrupt Acknowledge) sequence is executed, and a branch is made to the start address of the interrupt routine allocated in addresses 016 to FFFF16. The INTACK sequence is automatically performed in the following order. The contents of the program bank register (PG) just before performing the INTACK sequence are pushed onto stack. The contents of the program counter (PC) just before performing the INTACK sequence are pushed onto stack. The contents of the processor status register (PS) just before performing the INTACK sequence is pushed onto stack. The interrupt disable flag (I) is set to “1.” The interrupt priority level of the accepted interrupt is set into the processor interrupt priority level (IPL). The contents of the program bank register (PG) are cleared to “0016,” and the contents of the interrupt vector address are set into the program counter (PC). Performing the INTACK sequence requires at least 13 cycles of internal clock φ. Figure 7.7.2 shows the INTACK sequence timing. After the INTACK sequence is completed, the instruction execution starts from the start address of the interrupt routine. 7.7 Sequence from acceptance of interrupt request until execution of interrupt routine @ @ : Interrupt priority level detection time Interrupt request occurs. Interrupt request is accepted. Instruction 1 Instruction 2 INTACK sequence Instructions in interrupt routine Interrupt response time Time @ Time from the occurrence of an interrupt request until the instruction execution which is in progress at that time is completed. Time from when execution of an instruction next to begins (Note) until the instruction execution which is in progress at completion of interrupt priority level detection. Note: At this time, detection of interrupt priority level begins. Time required to execute the INTACK sequence (13 cycles of at minimum) Fig. 7.7.1 Sequence from acceptance of interrupt request until execution of interrupt routine |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |