| Electronic Components Datasheet Search |
|
7721 Datasheet(PDF) 169 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7721 Datasheet(HTML) 169 Page - Renesas Technology Corp |
|
169 / 577 page ![]() TIMER B 7721 Group User’s Manual 9–2 9.1 Overview Timer B consists of three counters, Timers B0 to B2, each equipped with a 16-bit reload function. Timers B0 to B2 operate independently of one another. Timer B has three operating modes listed below. Timers B0 and B1 have selective three operating modes listed below. Timer B2 operates only in the timer mode. (1) Timer mode (Timers B0 to B2) The timer counts an internally generated count source. (2) Event counter mode (Timers B0 and B1) The timer counts an external signal. (3) Pulse period/Pulse width measurement mode (Timers B0 and B1) The timer measures an external signal’s pulse period or pulse width. In this chapter, Timer Bi (i = 0 to 2) indicates Timers B0 to B2. Timer Bj (j = 0, 1) indicates Timers B0 and B1; this is used when the timer B’s input/output pins are used etc. (Hereafter, input/output pins are called I/O pins.) 9.2 Block description Figure 9.2.1 shows the block diagram of Timer B. Explanation of registers relevant to Timer B is described below. 9.1 Overview 9.2 Block description f 2 f 16 f 64 f 512 Count source select bits Timer mode Pulse period/Pulse width measurement mode Polarity switching and edge pulse generating circuit Event counter mode Count start bit Counter reset circuit Data bus (odd) Data bus (even) (Low-order 8 bits) (High-order 8 bits) Timer Bi reload register (16) Timer Bi counter (16) Timer Bi interrupt request bit TBj IN Timer Bj overflow flag (Valid in pulse period/pulse width measurement mode) i = 0–2, j = 0, 1 Fig. 9.2.1 Block diagram of Timer B |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |