| Electronic Components Datasheet Search |
|
7721 Datasheet(PDF) 170 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7721 Datasheet(HTML) 170 Page - Renesas Technology Corp |
|
170 / 577 page ![]() 7721 Group User’s Manual TIMER B 9–3 9.2 Block description 9.2.1 Counter and reload register (timer Bi register) Each of timer Bi counter and reload register consists of 16 bits and has the following functions. (1) Functions in timer mode and event counter mode Countdown in the counter is performed each time the count source is input. The reload register is used to store the initial value of the counter. When a counter underflow occurs, the reload register’s contents are reloaded into the counter. A value is set to the counter and reload register by writing the value to the timer Bi register. Table 9.2.1 lists the memory assignment of the timer Bi register. The value written into the timer Bi register when the counting is not in progress is set to the counter and reload register. The value written into the timer Bi register when the counting is in progress is set only to the reload register. In this case, the reload register’s updated contents are transferred to the counter when the next underflow occurs. The counter value is read out by reading out the timer Bi register. Note: When reading from or writing to the timer Bi register, perform it in a unit of 16 bits. For more information about the value obtained by reading the timer Bi register, refer to “[Precautions for timer mode]” and “[Precautions for event counter mode].” (2) Functions in pulse period/pulse width measurement mode Countup in the counter is performed each time the count source is input. The reload register is used to retain the pulse period or pulse width measurement result. When a valid edge is input to the TBjIN pin, the counter value is transferred to the reload register. In this mode, the value obtained by reading the timer Bj register is the reload register’s contents, so that the measurement result is obtained. Note: When reading from the timer Bj register, perform it in a unit of 16 bits. Timer Bi register Timer B0 register Timer B1 register Timer B2 register Low-order byte Address 5016 Address 5216 Address 5416 High-order byte Address 5116 Address 5316 Address 5516 Note : At reset, the contents of the timer Bi register are undefined. Table 9.2.1 Memory assignment of timer Bi registers |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |