Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 733 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 733 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 729Page - Renesas Technology Corp 7733 Datasheet HTML 730Page - Renesas Technology Corp 7733 Datasheet HTML 731Page - Renesas Technology Corp 7733 Datasheet HTML 732Page - Renesas Technology Corp 7733 Datasheet HTML 733Page - Renesas Technology Corp 7733 Datasheet HTML 734Page - Renesas Technology Corp 7733 Datasheet HTML 735Page - Renesas Technology Corp 7733 Datasheet HTML 736Page - Renesas Technology Corp 7733 Datasheet HTML 737Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 733 / 940 page
background image
APPLICATIONS
7735 Group User’s Manual
17–7
17.1.3 Points in memory expansion
(1) Timing for reading data
Figure 17.1.3 shows the timing at which data is read from an external memory.
When data is read, the external data bus enters a floating state and reads data from an external
memory. The floating state of the external data bus is retained from when an interval of tpxz(RDE-DZ)
____
has passed after signal RDE’s falling edge until an interval of tpzx(RDE-DZ) has passed after signal
____
RDE’s
rising edge. tpxz(RDE-DZ) is a constant which is independent of f(XIN); tpzx(RDE-DZ) is a constant
which is dependent on f(XIN). Table 17.1.3 lists the value of tpxz(RDE-DZ) and the calculation formula
for tpzx(RDE-DZ).
Note that the external data bus is multiplexed with the external address bus. Therefore, when reading
data, it is necessary to consider timing to avoid collision between data being read-in and an address
which is output preceding or following the data. (Refer to “(3) Precautions on memory expansion.”)
Fig. 17.1.3 Timing at which data is read from external memory
ten(OE)
Address
Address
tpzx(RDE-DZ)
tsu(D-RDE)
ta(OE)
ta(CE), ta(S)
tDF, tdis(OE)
g 2
g 3
tw(RDE)
Data
tpxz(RDE-DZ)
ten(CE), ten(S)
External memory
data output
g 1 This is applied when the external data bus = 16 bits wide (BYTE = “L”).
External memory
output enable signal
(Read signal)
OE
RDE
External memory
chip select signals
CE, S
g 2 When the external memory’s specifications are smaller than tpxz(RDE-DZ), there is a possibility that the tail of an
address collides with the head of data.
→ Refer to “(3) Precautions on memory expansion.”
g 3 When the external memory’s specifications are greater than tpzx(RDE-DZ), there is a possibility that the tail of
data collides with the head of an address.
→ Refer to “(3) Precautions on memory expansion.”
Address output
A0
/D0 to A7/D7
A8/D8 to A15/D15
g 1
: Specifications
of the 7735 Group
(The others are specifications of
external memory.)
17.1 Memory expansion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com