Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 735 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 735 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 731Page - Renesas Technology Corp 7733 Datasheet HTML 732Page - Renesas Technology Corp 7733 Datasheet HTML 733Page - Renesas Technology Corp 7733 Datasheet HTML 734Page - Renesas Technology Corp 7733 Datasheet HTML 735Page - Renesas Technology Corp 7733 Datasheet HTML 736Page - Renesas Technology Corp 7733 Datasheet HTML 737Page - Renesas Technology Corp 7733 Datasheet HTML 738Page - Renesas Technology Corp 7733 Datasheet HTML 739Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 735 / 940 page
background image
APPLICATIONS
7735 Group User’s Manual
17–9
(2) Timing for writing data
Figure 17.1.4 shows the timing for writing data to an external memory.
When data is written, the data is output from when an interval of td(WE-DQ) has passed after signal
____ ____
____ ____
WEL/WEH’s
falling edge until an interval of th(WE-DQ) has passed after signal WEL/WEH’s rising edge.
td(WE-DQ) is a constant which is independent of f(XIN); th(WE-DQ) is a constant which is dependent on
f(XIN). Table 17.1.4 lists the value of td(WE-DQ) and the calculation formula for th(WE-DQ).
Make sure that the data output timing for writing data satisfies the following specifications of the
external memory: data setup time (tsu(D)) and data hold time (th(D)) for writing data.
Fig. 17.1.4 Timing at which data is written to external memory
Table 17.1.4 Value of td(WE-DQ) and calculation formula for th(WE-DQ) (Unit: ns)
Wait 0
0
0
Wait 1
0
1
45
– 22
1 ! 109
2•f(f2)
No wait
1
0 or 1
Wait bit: Bit 2 at address 5E16
Wait selection bit: Bit 0 at address 5F16
Note: The above is applied when the system clock selection bit (bit 3 at address 6C16) = “0.”
Software wait
Wait bit
Wait selection bit
td(WE-DQ)
th(WE-DQ)
External memory
write signals
W, WE
External memory
chip select signals
CE, S
(The others are specifications of
external memory.)
: Specifications of
the 7735 Group
g This is applied when the external data bus
= 16 bits wide (BYTE = “L” ).
WEL, WEH
Address and data output
g
A0/D0 to A7/D7
A8
/D8 to A15/D15
tsu(D)
th(D)
Address
Data
Address
tw(WE)
th(WE-DQ)
td(WE-DQ)
17.1 Memory expansion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com