Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 736 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 736 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 732Page - Renesas Technology Corp 7733 Datasheet HTML 733Page - Renesas Technology Corp 7733 Datasheet HTML 734Page - Renesas Technology Corp 7733 Datasheet HTML 735Page - Renesas Technology Corp 7733 Datasheet HTML 736Page - Renesas Technology Corp 7733 Datasheet HTML 737Page - Renesas Technology Corp 7733 Datasheet HTML 738Page - Renesas Technology Corp 7733 Datasheet HTML 739Page - Renesas Technology Corp 7733 Datasheet HTML 740Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 736 / 940 page
background image
APPLICATIONS
7735 Group User’s Manual
17–10
(3) Precautions on memory expansion
When specifications of the 7735 Group do not match those of an external memory as described in
the following Œ to Ž, some considerations about the circuit are necessary:
Œ When using an external memory which requires a long address access time (ta(AD))
 When using an external memory which outputs data within an interval of tpxz(RDE-DZ) after signal
____
RDE’s
falling edge
Ž When using an external memory which outputs data for more than an interval of tpzx(RDE-DZ)
____
after signal RDE’s rising edge
Œ When using an external memory which requires a long address access time (ta(AD))
When an external memory requires a long address access time (ta(AD)) which does not satisfy the
7735 Group’s tsu(D-RDE), try to lower f(XIN) or extend a bus cycle by inserting a wait.
There are two methods for insertion of a wait: the software wait and the ready function. For the
software wait, refer to section “12.2 Software wait”; for the ready function, refer to section “12.3
Ready function.”
q Wait 1 (Software wait)
____ ____
____
Insert a wait equivalent to one cycle of clock
φ1 while signal RDE/WEL/WEH is at “L”-level.
q Wait 0 (Software wait)
____ ____
____
Insert a wait equivalent to one cycle of clock
φ1 while signal RDE/WEL/WEH is at “H”- and “L”-
levels.
q Ready function
Insert a wait in an arbitrary duration.
Figure 17.1.5 shows a ready generating circuit example (with no wait). In Figure 17.1.5, when
____
f(XIN) > 20.7 MHz, the setup time for the RDY input (tsu(RDY-
φ1)) is insufficient. In this case, refer to
the ready generating circuit example (with wait 1) shown in Figure 17.1.6. In Figure 17.1.6,
tsu(RDY-
φ1) is satisfied when f(XIN)
≤ 25 MHz. Note that a wait generated by the ready function is also
valid for the access to the internal area. Therefore, in Figures 17.1.5 and 17.1.6, areas where the wait
_____
is inserted are specified by using signals RSMP and CS0.
For circuits where the software wait is used, refer to Figures 17.1.2 to 17.1.5.
17.1 Memory expansion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com