Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 737 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 737 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 733Page - Renesas Technology Corp 7733 Datasheet HTML 734Page - Renesas Technology Corp 7733 Datasheet HTML 735Page - Renesas Technology Corp 7733 Datasheet HTML 736Page - Renesas Technology Corp 7733 Datasheet HTML 737Page - Renesas Technology Corp 7733 Datasheet HTML 738Page - Renesas Technology Corp 7733 Datasheet HTML 739Page - Renesas Technology Corp 7733 Datasheet HTML 740Page - Renesas Technology Corp 7733 Datasheet HTML 741Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 737 / 940 page
background image
APPLICATIONS
7735 Group User’s Manual
17–11
17.1 Memory expansion
Fig. 17.1.5 Ready generating circuit example (with no wait)
M37735MHBXXXFP
CS0
RDY
AC32
CS0
RSMP
1
RDE
CS0
RSMP
RDY
td(RDE- 1)
td(RSMP-RDE)
tc
tsu(RDY- 1)
g
Wait generated by the ready
function is inserted only to an
area where accessed by signal
CS2
.
Circuit conditions: f(XIN)
≤ 21.3 MHz, no wait,
Propagation delay time of AC32
(Max.: 8.5 ns)
g Condition to satisfy the relationship of
tsu(RDY- 1)
≥ 55 ns is
tc+td(RSMP-RDE)
≥ 63.5 ns.
Accordingly, when f(XIN)
≤ 21.3 MHz,
this example satisfies the relationship of
tsu(RDY- 1)
≥ 55 ns.
: Wait generated by the ready function
1
=
2
,
f(XIN)
8
,
f(XIN)
16
,
f(XIN)
2
f(XCIN)
or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com