Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 738 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 738 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 734Page - Renesas Technology Corp 7733 Datasheet HTML 735Page - Renesas Technology Corp 7733 Datasheet HTML 736Page - Renesas Technology Corp 7733 Datasheet HTML 737Page - Renesas Technology Corp 7733 Datasheet HTML 738Page - Renesas Technology Corp 7733 Datasheet HTML 739Page - Renesas Technology Corp 7733 Datasheet HTML 740Page - Renesas Technology Corp 7733 Datasheet HTML 741Page - Renesas Technology Corp 7733 Datasheet HTML 742Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 738 / 940 page
background image
APPLICATIONS
7735 Group User’s Manual
17–12
17.1 Memory expansion
Fig. 17.1.6 Ready generating circuit example (with wait 1)
Wait generated by the ready function is
inserted only to an area where accessed
by signal CS2.
M37735MHBXXXFP
th( 1-RDY)
tsu(RDY- 1)
CS0
RDY
HC32
CS0
RSMP
g
td(RDE- 1)
Propagation delay time of HC32
RDE
RDY
1
CS0
RSMP
td(RSMP-RDE)
: Wait generated by the ready function
: Software wait
g Make sure that the propagation delay
time is within
(when f(XIN) = 25 MHz, 75 ns).
3 !10
f(XIN)
+ td(RSMP–RDE) – tsu(RDY– 1 )
9
Circuit conditions: f(XIN)
≤ 25 MHz, wait 1 is valid,
1
=
2
,
f(XIN)
8
,
f(XIN)
16
,
f(XIN)
2
f(XCIN)
or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com