Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 740 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 740 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 736Page - Renesas Technology Corp 7733 Datasheet HTML 737Page - Renesas Technology Corp 7733 Datasheet HTML 738Page - Renesas Technology Corp 7733 Datasheet HTML 739Page - Renesas Technology Corp 7733 Datasheet HTML 740Page - Renesas Technology Corp 7733 Datasheet HTML 741Page - Renesas Technology Corp 7733 Datasheet HTML 742Page - Renesas Technology Corp 7733 Datasheet HTML 743Page - Renesas Technology Corp 7733 Datasheet HTML 744Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 740 / 940 page
background image
APPLICATIONS
7735 Group User’s Manual
17–14
Ž When using an external memory which outputs data for more than an interval of tpzx(RDE-DZ)
____
after signal RDE’s rising edge
When there is a possibility that the tail of data collides with the head of an address because the
____
external memory outputs the data for more than an interval of tpzx(RDE-DZ) after signal RDE’s rising
edge, try to carry out the following:
q By using bus buffers and others, delete the tail of data which is output from the memory.
q Use a memory which is made by MITSUBISHI ELECTRIC CORPORATION and can be connected
without bus buffers.
Figures 17.1.8 to 17.1.11 show bus buffer usage examples and the corresponding timing diagrams.
Table 17.1.5 lists memories which can be connected without bus buffers (made by MITSUBISHI
ELECTRIC CORPORATION). The reason why these memories do not need buffers is that timing
parameters tDF or tdis(OE) is guaranteed. (Make sure that the read signal rises within 5 ns after signal
____
RDE’s
rising edge.)
Table 17.1.5 Memories which can be connected without bus buffers (made by MITSUBISHI ELECTRIC CORPORATION)
17.1 Memory expansion
Memory
M5M27C256AK-85, -10, -12, -15
M5M27C512AK-10, -12, -15
M5M27C100K-12, -15
M5M27C101K-12, -15
M5M27C102K-12, -15
M5M27C201K, JK-10, -12, -15
M5M27C202K, JK-10, -12, -15
M5M27C256AP, FP, VP, RV-12, -15
M5M27C512AP, FP-15
M5M27C100P-15
M5M27C101P, FP, J, VP, RV-15
M5M27C102P, FP, J, VP, RV-15
M5M27C201P, FP, J, VP, RV-12, -15
M5M27C202P, FP, J, VP, RV-12, -15
M5M28F101P, FP, J, VP, RV-10, -12, -15
M5M28F102FP, J, VP, RV-10, -12, -15
M5M5256CP, FP, KP, VP, RV-55LL, -55XL,
-70LL, -70XL, -85LL, -85XL, -10LL, -10XL
M5M5278CP, FP, J-20, -20L
M5M5278CP, FP, J-25, -25L
M5M5278DP, J-12
M5M5278DP, FP, J-15, -15L
M5M5278DP, FP, J-20, -20L
Type
Usage condition
tDF/tdis(OE) (Max.)
8 ns
10 ns
6 ns
7 ns
8 ns
2 • f(f2)
≤ 20 MHz
2 • f(f2)
≤ 25 MHz
EPROM
One time
PROM
Frash
memory
SRAM
Note: Specifications of the above memories are available if a comment “tDF/tdis = 15 ns, microcomputer and
kit” is added.
15 ns
(When guaranteed as kit)
(Note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com