Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 806 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 806 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 802Page - Renesas Technology Corp 7733 Datasheet HTML 803Page - Renesas Technology Corp 7733 Datasheet HTML 804Page - Renesas Technology Corp 7733 Datasheet HTML 805Page - Renesas Technology Corp 7733 Datasheet HTML 806Page - Renesas Technology Corp 7733 Datasheet HTML 807Page - Renesas Technology Corp 7733 Datasheet HTML 808Page - Renesas Technology Corp 7733 Datasheet HTML 809Page - Renesas Technology Corp 7733 Datasheet HTML 810Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 806 / 940 page
background image
OVERVIEW
7736 Group User’s Manual
1–2
Items
Programmable I/O ports
Output port
Memory expansion
Package
1.1 Performance overview
Performance
8 bits ! 9
4 bits ! 1
8 bits ! 1
Possible
• External bus mode A: Maximum of 16 Mbytes
• External bus mode B: Maximum of 1 Mbytes
100-pin plastic molded QFP
Ports P0–P2, P4–P8, P10
Port P3
Port P9
Concerning chapter “1. OVERVIEW,” the 7736 Group differs from the 7733 Group in the following sections.
Therefore, only the differences are described in this chapter:
• “1.1 Performance overview”
• “1.2 Pin configuration”
• “1.3 Pin description”
• “1.4 Block diagram”
1.1 Performance overview
Concerning section “1.1 Performance overview,” the 7736 Group differs from the 7733 Group in the following:
• Description of the programmable I/O ports, memory expansion, and package in Table 1.1.1
The other description is the same as that of the 7733 Group. Therefore, refer to part 1:
• “1.1 Performance overview” (page 1-3 in part 1)
Table 1.1.1 M37736MHBXXXGP’s performance overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com