Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 808 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 808 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 804Page - Renesas Technology Corp 7733 Datasheet HTML 805Page - Renesas Technology Corp 7733 Datasheet HTML 806Page - Renesas Technology Corp 7733 Datasheet HTML 807Page - Renesas Technology Corp 7733 Datasheet HTML 808Page - Renesas Technology Corp 7733 Datasheet HTML 809Page - Renesas Technology Corp 7733 Datasheet HTML 810Page - Renesas Technology Corp 7733 Datasheet HTML 811Page - Renesas Technology Corp 7733 Datasheet HTML 812Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 808 / 940 page
background image
OVERVIEW
7736 Group User’s Manual
1–4
Pin
_
E
BSEL
External bus
modes
––
A
B
––
A, B
Processor modes
Single-chip mode
Memory expansion or
Microprocessor mode
Single-chip mode
Memory expansion or
Microprocessor mode
I/O
Output
Output
Output
Input
Input
Functions
Same as the 7733 Group.
_
This pin outputs internal enable signal E.
________
This pin outputs read enable signal RDE.
________
RDE’s level is “L” in the data read period of
the read cycle.
The level of a signal which is input to this
pin may be “H” or “L.”
The signal which is input to this pin
determines the external bus mode. When
this signal’s level is “H,” external bus mode
A is selected; when this signal’s level is “L,”
external bus mode B is selected.
Name
Enable
output
Bus select
input
1.3 Pin description
Concerning section “1.3 Pin description,” the 7736 Group differs from the 7733 Group in the following:
___
• “Description of pins E and BSEL in Table 1.3.1”
• “Description of pins P00–P07, P20–P27 and P30–P33 in Tables 1.3.2 and 1.3.3”
• “Description of pins P50–P57, P70–P77, P90–P97, P100–P107, EVL0 and EVL1 in Table 1.3.4”
• “1.3.1 Examples of handling unused pins”
The other description is the same as that of the 7733 Group. Therefore, refer to part 1:
• “1.3 Pin description” (page 1-5 in part 1)
Table 1.3.1 Pin description (1)
1.3 Pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com