Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 811 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 811 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 807Page - Renesas Technology Corp 7733 Datasheet HTML 808Page - Renesas Technology Corp 7733 Datasheet HTML 809Page - Renesas Technology Corp 7733 Datasheet HTML 810Page - Renesas Technology Corp 7733 Datasheet HTML 811Page - Renesas Technology Corp 7733 Datasheet HTML 812Page - Renesas Technology Corp 7733 Datasheet HTML 813Page - Renesas Technology Corp 7733 Datasheet HTML 814Page - Renesas Technology Corp 7733 Datasheet HTML 815Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 811 / 940 page
background image
OVERVIEW
7736 Group User’s Manual
1–7
Table 1.3.4 Pin description (4)
Pin
Functions
I/O
Name
Processor
mode
External
bus mode
P50–P57
P70–P77
P90–P97
I/O
I/O
Output
––
A, B
––
A, B
––
A, B
I/O port P5
I/O port P7
Output port P9
P5 is an 8-bit I/O port with the same function
as port P0 and can be programmed as I/O
pins for timers A0–A3.
P7 is an 8-bit I/O port with the same function
as port P0 and can be programmed as analog
input pins for the A-D converter. P76 and P77
can be programmed as I/O pins (XCOUT, XCIN)
for the sub-clock (32 kHz) oscillation circuit.
When using P76 and P77 as pins XCOUT and
XCIN, connect a quartz-crystal oscillator between
them. When inputting an external clock, input
the clock from pin XCIN.
P9 is an 8-bit output-only port. After reset, P9
enters a floating state. When data is written to
the port P9 register, P9 starts outputting (Note).
P90–P93 also function as UART2’s I/O pins.
P10 is an 8-bit I/O port with the same function
as port P0. Pins 104–107 can be programmed
as input pins (KI0–KI3) for the key input interrupt.
Leave these pins open.
Single-chip mode
Memory expansion
or Microprocessor
mode
Single-chip mode
Memory expansion
or Microprocessor
mode
Single-chip mode
Memory expansion
or Microprocessor
mode
Single-chip mode
Memory expansion
or Microprocessor
mode
Single-chip mode
Memory expansion
or Microprocessor
mode
P100–P107
EVL0, EVL1
I/O port P10
––––––
I/O
Output
––
A, B
––
A, B
Note: After reset, be sure to write data to the port P9 latch.
1.3 Pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com