Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 810 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 810 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 806Page - Renesas Technology Corp 7733 Datasheet HTML 807Page - Renesas Technology Corp 7733 Datasheet HTML 808Page - Renesas Technology Corp 7733 Datasheet HTML 809Page - Renesas Technology Corp 7733 Datasheet HTML 810Page - Renesas Technology Corp 7733 Datasheet HTML 811Page - Renesas Technology Corp 7733 Datasheet HTML 812Page - Renesas Technology Corp 7733 Datasheet HTML 813Page - Renesas Technology Corp 7733 Datasheet HTML 814Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 810 / 940 page
background image
OVERVIEW
7736 Group User’s Manual
1–6
––
A
B
I/O port P3
I/O
Output
Output
Same as the 7733 Group.
__ ____
These pins respectively output signals R/W, BHE,
_____
ALE, and HLDA.
__
q Signal R/W
This signal indicates the data bus state.
When this signal level is “H,” a data bus is
in the read state.
When this signal level is “L,” a data bus is
in the write state.
____
q Signal BHE
This signal’s level is “L” when the microcomputer
accesses an odd address.
q Signal ALE
This signal is used to separate the multiplexed
signal which consists of an address and data
to the address and the data.
_____
q Signal HLDA
This signal informs the external whether this
microcomputer enters the Hold state or not.
_____
In Hold state, pin HLDA outputs “L” level.
________
____
These pins respectively output signals WEL, WEH,
_____
ALE, and HLDA.
________
_________
q Signal WEL, WEH
____
Signal WEL is the write enable low signal.
____
Signal WEH is the write enable high signal.
These signals’ levels are “L” in the data write
period of the write cycle.
The operations of these signals depend on
the level of pin BYTE. (Refer to Table 12.1.1
in part 2.)
q Signal ALE
This signal is the same as that in external
bus mode A.
_____
q Signal HLDA
This signal is the same as that in external
bus mode A.
Table 1.3.3 Pin description (3)
Pin
Functions
I/O
Name
Processor
mode
Single-chip mode
Memory expansion
or Microprocessor
mode
External
bus mode
P30–P33
__
R/W,
____
BHE,
ALE,
_____
HLDA
____
WEL,
____
WEH,
ALE,
_____
HLDA
1.3 Pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com