Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 809 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 809 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 805Page - Renesas Technology Corp 7733 Datasheet HTML 806Page - Renesas Technology Corp 7733 Datasheet HTML 807Page - Renesas Technology Corp 7733 Datasheet HTML 808Page - Renesas Technology Corp 7733 Datasheet HTML 809Page - Renesas Technology Corp 7733 Datasheet HTML 810Page - Renesas Technology Corp 7733 Datasheet HTML 811Page - Renesas Technology Corp 7733 Datasheet HTML 812Page - Renesas Technology Corp 7733 Datasheet HTML 813Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 809 / 940 page
background image
OVERVIEW
7736 Group User’s Manual
1–5
Table 1.3.2 Pin description (2)
Pin
Functions
I/O
Name
Processor
mode
––
A
B
––
A
B
I/O port P0
I/O port P2
Same as the 7733 Group.
Address’s low-order 8 bits (A0–A7) are output.
____
These pins respectively output signals CS0–CS4, RSMP,
and address’s high-order 2 bits (A16 and A17).
q Signals CS0–CS4
These signals are the chip select signals.
When the microcomputer accesses a certain
area, the corresponding pin outputs “L” level.
(Refer to Table 2.5.4.)
_____
q Signal RSMP
This signal is the ready sampling signal and
________
is used to generate signal RDY for accessing
external memory area.
Same as the 7733 Group.
Input/Output of data (D0–D7) and output of
address’s high-order 8 bits (A16–A23) are
performed with the time sharing method.
Input/Output of data (D0–D7) and output of
address’s low-order 8 bits (A0–A7) are performed
with the time sharing method.
P00–P07
A0–A7
CS0–CS4,
_____
RSMP,
A16, A17
P20–P27
A16/D0–
A23/D7
A0/D0–
A7/D7
Single-chip mode
Memory expansion
or Microprocessor
mode
Single-chip mode
Memory expansion
or Microprocessor
mode
I/O
Output
Output
I/O
Output
Output
External
bus mode
1.3 Pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com