Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT1813-422-014-R Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MKT1813-422-014-R
Description  Metallized Polyester Film Capacitor MKT Axial Type
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT1813-422-014-R Datasheet(HTML) 5 Page - Vishay Siliconix

  MKT1813-422-014-R Datasheet HTML 1Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 2Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 3Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 4Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 5Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 6Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 7Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 8Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MKT 1813
Vishay BCcomponents
Metallized Polyester Film Capacitor
MKT Axial Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 26013
5
Revision: 06-Oct-08
CHARACTERISTICS
0.
15
0.3
3
0.4
7
2.
2
4.
7
10
15
22
1.0
100
7
5
3
2
10
7
5
3
2
1
f [Hz]
Capacitance in µF
63 VDC
Permissible AC Voltage vs. Frequency
10
2
2
3
5 7 10
3
2
3
5 7 10
4
2
3
5 7 10
5
1000
7
5
3
2
100
7
5
3
2
10
f [Hz]
Permissible AC Voltage vs. Frequency
102
2
3
5 7 10
3
2
3
5 7 10
4
2
3
5 7 10
5
0.006
8
0.0
22
0.
047
0.1
0.22
0.47
2.2
1.0
Capacitance in µF
400 VDC
100
7
5
3
2
10
7
5
3
2
1
f [Hz]
Permissible AC Voltage vs. Frequency
102
2
3
5 7 10
3
2
3
5 7 10
4
2
3
5 7 10
5
0.06
8
0.15
0.2
2
0.47
1
2.
2
4.7
15
Capacitance in µF
100 VDC
1000
7
5
3
2
100
7
5
3
2
10
f [Hz]
Permissible AC Voltage vs. Frequency
102
2
3
5 7 10
3
2
3
5 7 10
4
2
3
5 7 10
5
470
0.0
02
2
0.0
047
0.0
1
0.0
33
0.1
0.
22
1.0
0.001
Capacitance in pF and µF
630 VDC
1000
7
5
3
2
100
7
5
3
2
10
f [Hz]
Permissible AC Voltage vs. Frequency
102
2
3
5 7 10
3
2
3
5 7 10
4
2
3
5 7 10
5
0.0
15
0.
04
7
0.1
5
0.
33
1.
0
2.
2
10 4.
7
Capacitance in µF
250 VDC
1000
7
5
3
2
100
7
5
3
2
10
f [Hz]
Permissible AC Voltage vs. Frequency
102
2
3
5 7 10
3
2
3
5 7 10
4
2
3
5 7 10
5
1000
2200
4700
0.01
0.022
0.047
0.
1
0.22
0.47
Capacitance in pF and µF
1000 VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com