Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT1813-422-014-R Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MKT1813-422-014-R
Description  Metallized Polyester Film Capacitor MKT Axial Type
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT1813-422-014-R Datasheet(HTML) 2 Page - Vishay Siliconix

  MKT1813-422-014-R Datasheet HTML 1Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 2Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 3Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 4Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 5Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 6Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 7Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 8Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Document Number: 26013
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 06-Oct-08
2
MKT 1813
Metallized Polyester Film Capacitor
MKT Axial Type
Vishay BCcomponents
COMPOSITION OF CATALOG NUMBER
Note
For detailed tape specifications refer to “Packaging Information” www.vishay.com/docs?28139 or end of catalog
SPECIFIC REFERENCE DATA
DESCRIPTION
VALUE
Tangent of loss angle:
at 1 kHz
at 10 kHz
at 100 kHz
C = 0.1 µF
= 80 x 10-4
= 150 x 10-4
= 250 x 10-4
0.1 µF
≤ C = 1.0 µF
= 80 x 10-4
= 150 x 10-4
-
C
≥ 1.0 µF
= 100 x 10-4
--
Capacitor length
(mm)
Maximum pulse rise time (dU/dt)R [V/µs]
63 Vdc
100 Vdc
250 Vdc
400 Vdc
630 Vdc
1000 Vdc
11
12
18
32
56
84
-
14
11
13
22
37
66
175
19
7
8
13
21
33
65
26.5
4
5
8
13
19
34
31.5
3
4
6
10
15
25
41.5
2
3
5
7
10
17
If the maximum pulse voltage is less than the rated voltage higher dU/dt values can be permitted.
R between leads, for C
≤ 0.33 µF and U
R ≤ 100 V
> 15 000 M
Ω
R between leads, for C
≤ 0.33 µF and U
R > 100 V
> 30 000 M
Ω
RC between leads, for C > 0.33 µF and UR ≤ 100 V
> 5000 s
RC between leads, for C > 0.33 µF and UR > 100 V
> 10 000 s
R between leads and case,100 V; (Foil Method)
> 30 000 M
Ω
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s
1.6 x URdc, 1 min
Maximum application temperature
100 °C
MKT 1813
X
XX
25
X
X
CAPACITANCE
(numerically)
Example:
468 = 680 nF
MULTIPLIER
(nF)
0.1
2
13
10
4
100
5
TYPE
Un = 06 = 63 V
Un = 01 = 100 V
Un = 25 = 250 V
Un = 40 = 400 V
Un = 63 = 630 V
Un = 10 = 1000 V
SPECIAL LETTER FOR TAPED
Bulk
R
Reel
G
Ammopack
TOLERANCE
4± 5 %
5± 10 %
6± 20 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com