Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT1813-422-014-R Datasheet(PDF) 12 Page - Vishay Siliconix

Part # MKT1813-422-014-R
Description  Metallized Polyester Film Capacitor MKT Axial Type
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT1813-422-014-R Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button MKT1813-422-014-R Datasheet HTML 5Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 6Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 7Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 8Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 9Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 10Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 11Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 12Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Document Number: 26013
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 06-Oct-08
12
MKT 1813
Metallized Polyester Film Capacitor
MKT Axial Type
Vishay BCcomponents
4.11.3
Final measurements
Voltage proof = URdc for 1 min within 15 min
after removal from testchamber
No breakdown of flash-over
Visual examination
No visible damage
Legible marking
Capacitance
|
ΔC/C| ≤ 5 % of the value measured in
4.11.1.
Tangent of loss angle
Increase of tan
δ ≤ 0.005
Compared to values measured in 4.11.1
Insulation resistance
≥ 50 % of values specified in section
“Insulation resistance” of this specification
SUB-GROUP C3
4.12
Endurance
Duration: 2000 h
1.25 x URdc at 85 °C
1.0 x URdc at 100 °C
4.12.1
Initial measurements
Capacitance
Tangent of loss angle:
For C
≤ 470 nF at 100 kHz or
for C > 470 nF at 10 kHz
4.12.5
Final measurements
Visual examination
No visible damage
Legible marking
Capacitance
|
ΔC/C| ≤ 5 % compared to values measured
in 4.12.1
Tangent of loss angle
Increase of tan
δ
≤ 0.005 for:
C
≤ 100 nF or
≤ 0.010 for:
100 nF < C
≤ 220 nF or
≤ 0.015 for:
220 nF < C
≤ 470 nF and
≤ 0.003 for:
C > 470 nF
Compared to values measured in 4.12.1
Insulation resistance
≥ 50 % of values specified in section
“Insulation resistance” of this specification
SUB-GROUP C4
4.13
Charge and discharge
10 000 cycles
Charged to URdc
Discharge resistance:
4.13.1
Initial measurements
Capacitance
Tangent of loss angle:
For C
≤ 470 nF at 100 kHz or
for C > 470 nF at 10 kHz
4.13.3
Final measurements
Capacitance
|
ΔC/C| ≤ 3 % compared to values measured
in 4.13.1
Tangent of loss angle
Increase of tan
δ
≤ 0.005 for:
C
≤ 100 nF or
≤ 0.010 for:
100 nF < C
≤ 220 nF or
≤ 0.015 for:
220 nF < C
≤ 470 nF and
≤ 0.003 for:
C > 470 nF
Compared to values measured in 4.13.1
Insulation resistance
≥ 50 % of values specified in section
“Insulation resistance” of this specification
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS
R
U
R
C
2.5
dU dt
⁄
()
R
×
×
--------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com