Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT1813-422-014-R Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MKT1813-422-014-R
Description  Metallized Polyester Film Capacitor MKT Axial Type
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT1813-422-014-R Datasheet(HTML) 1 Page - Vishay Siliconix

  MKT1813-422-014-R Datasheet HTML 1Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 2Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 3Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 4Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 5Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 6Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 7Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 8Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MKT 1813
Vishay BCcomponents
Metallized Polyester Film Capacitor
MKT Axial Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 26013
1
Revision: 06-Oct-08
Dimensions in mm
MAIN APPLICATIONS
Blocking,
bypassing,
filtering,
timing,
coupling
and
decoupling,
interference
suppression
in
low
voltage
applications
REFERENCE STANDARDS
IEC 60384-2
MARKING
C-value; tolerance; rated voltage; manufacturer’s type; code
for dielectric material; manufacturer location; manufacturer’s
logo; year and week
DIELECTRIC
Polyester film
ELECTRODES
Metallized
CONSTRUCTION
Mono and internal series construction
RATED (DC) VOLTAGE
63 V, 100 V, 250 V, 400 V, 630 V, 1000 V
RATED (AC) VOLTAGE
40 V, 63 V, 160 V, 200 V, 220 V
FEATURES
Supplied loose in box, taped on ammopack or reel
RoHS compliant
ENCAPSULATION
Plastic-wrapped,
epoxy
resin
sealed,
flame
retardant
CLIMATIC TESTING CLASS ACC. TO IEC 60068-1
55/100/56
CAPACITANCE RANGE (E12 SERIES)
470 pF to 22 µF
CAPACITANCE TOLERANCE
± 20 %, ± 10 %, ± 5 %
LEADS
Tinned wire
MAXIMUM APPLICATION TEMPERATURE
100 °C
PULL TEST ON LEADS
Minimum
20 N in direction of leads according to
IEC 60068-2-21
BENT TEST ON LEADS
2 bends trough 90° combined with 10 N tensile strength
RELIABILITY
Operational life > 300 000 h (40 °C/0.5 UR)
Failure Rate < 2 FIT (40 °C/0.5 UR)
DETAIL SPECIFICATION
For more detailed data and test requirements contact:
dc-film@vishay.com
LEAD DIAMETER
d (mm)
D (mm)
0.6
≤ 5.0
0.7
> 5.0
≤ 7.0
0.8
> 7.0 < 16.5
1.0
≥ 16.5
L
Max.
40.0 ± 5.0
40.0 ± 5.0
Ø d
D
Max.


Similar Part No. - MKT1813-422-014-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1813-422-014-R VISHAY-MKT1813-422-014-R Datasheet
53Kb / 4P
Metallized Polyester Film Capacitor
01-Dec-03
MKT1813-422-014-R VISHAY-MKT1813-422-014-R Datasheet
147Kb / 15P
DC Film Capacitors MKT Axial Type
04-Jul-13
More results

Similar Description - MKT1813-422-014-R

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS04A SUNTAN-TS04A Datasheet
330Kb / 1P
METALLIZED POLYESTER FILM CAPACITOR - AXIAL
TS04B SUNTAN-TS04B Datasheet
459Kb / 1P
METALLIZED POLYESTER FILM CAPACITOR - AXIAL
logo
EPCOS
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
Metallized Polyester Film Capacitors (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
Metallized Polyester Film Capacitors (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
Film Capacitors - Metallized Polyester (MKT)
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
Film Capacitors - Metallized Polyester (MKT)
logo
Suntan Capacitors
TS04A SUNTAN-TS04A_17 Datasheet
362Kb / 1P
METALLIZED POLYESTER FILM CAPACITOR - AXIAL
TS04B SUNTAN-TS04B_17 Datasheet
468Kb / 1P
METALLIZED POLYESTER FILM CAPACITOR - AXIAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com