Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT1813-422-014-R Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MKT1813-422-014-R
Description  Metallized Polyester Film Capacitor MKT Axial Type
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT1813-422-014-R Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button MKT1813-422-014-R Datasheet HTML 3Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 4Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 5Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 6Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 7Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 8Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 9Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 10Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MKT 1813
Vishay BCcomponents
Metallized Polyester Film Capacitor
MKT Axial Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 26013
7
Revision: 06-Oct-08
HEAT CONDUCTIVITY (G) AS A FUNCTION OF (ORIGINAL) PITCH AND CAPACITOR BODY THICKNESS IN mW/°C
Wmax.
(mm)
HEAT CONDUCTIVITY (mW/°C)
PITCH 11 mm
PITCH 14 mm
PITCH 19 mm
PITCH 26.5 mm
PITCH 31.5 mm
PITCH 41.5 mm
5.0
2
--
--
-
5.5
2
3
-
-
-
-
6.0
-
3
4
-
-
-
6.5
-
3
5
-
-
-
7.0
-
4
5
-
-
-
7.5
-
-
6
-
-
-
8.0
-
4-8-
-
8.5
-
-
6
9
-
-
9.0
-
-
7
-
-
-
9.5
---
10
-
-
10.0
-
-
-
11
-
-
10.5
-
-
8
-
-
-
11.0
-
-
-
12
14
-
11.5
-
-
-
13
15
-
12.0
-
-
9
-
16
-
12.5
---
--
-
13.0
-
-
-
14
17
-
13.5
-
-
-
15
18
-
14.0
-
-
-
16
19
-
14.5
---
-
19
-
15.0
---
--
-
15.5
---
-
21
-
16.0
---
--
29
16.5
---
-
22
30
17.0
---
--
-
17.5
---
--
31
18.0
---
-
24
-
18.5
---
--
-
19.0
---
--
34
20.0
---
--
-
20.5
---
-
28
-
21.0
---
--
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com