Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT1813-422-014-R Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MKT1813-422-014-R
Description  Metallized Polyester Film Capacitor MKT Axial Type
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT1813-422-014-R Datasheet(HTML) 4 Page - Vishay Siliconix

  MKT1813-422-014-R Datasheet HTML 1Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 2Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 3Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 4Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 5Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 6Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 7Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 8Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Document Number: 26013
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 06-Oct-08
4
MKT 1813
Metallized Polyester Film Capacitor
MKT Axial Type
Vishay BCcomponents
RECOMMENDED PACKAGING
Note
• Attention: Capacitors with L > 31.5 mm only as bulk available
EXAMPLE OF ORDERING CODE
Note
(1) Tolerance Codes: 4 = 5 % (J); 5 = 10 % (K); 6 = 20 % (M)
MOUNTING
Normal Use
The capacitors are designed for mounting on printed-circuit boards. The capacitors packed in bandoliers are designed for
mounting in printed-circuit boards by means of automatic insertion machines.
For detailed tape specifications refer to Packaging information: www.vishay.com/docs/28139/packinfo.pdf or end of catalogue.
Specific Method of Mounting to Withstand Vibration and Shock
In order to withstand vibration and shock tests, it must be ensured that the capacitor body is in good contact with the printed-circuit
board:
• For L ≤ 19 mm capacitors shall be mechanically fixed by the leads
• For larger pitches the capacitors shall be mounted in the same way and the body clamped
• The maximum diameter and length of the capacitors are specified in the dimensions table
• Eccentricity as shown in the drawing below
Space Requirements On Printed-Circuit Board
The maximum length and width of film capacitors is shown in the drawing:
• Eccentricity as in drawing. The maximum eccentricity is smaller than or equal to the lead diameter of the product concerned.
• Product height with seating plane as given by “IEC 60717” as reference: h
max. ≤ h + 0.4 mm or hmax. ≤ h' + 0.4 mm
Storage Temperature
• Storage temperature: T
stg = - 25 °C to + 40 °C with RH maximum 80 % without condensation
Ratings and Characteristics Reference Conditions
Unless otherwise specified, all electrical values apply to an ambient temperature of 23 ± 1 °C, an atmospheric pressure of 86 kPa
to 106 kPa and a relative humidity of 50 ± 2 %.
For reference testing, a conditioning period shall be applied over 96 ± 4 h by heating the products in a circulating air oven at the
rated temperature and a relative humidity not exceeding 20 %.
PACKAGING CODE
TYPE OF PACKAGING
REEL DIAMETER (mm)
ORDERING CODE EXAMPLES
G
AMMO
-
MKT 1813-422-014-G
x
R
REEL
350
MKT 1813-422-014-R
x
-
BULK
-
MKT 1813-422-014
x
TYPE
CAPACITANCE CODE
VOLTAGE CODE
TOLERANCE CODE (1)
PACKAGING CODE
MKT 1813
410
06
5
G
1 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com