Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT1813-422-014-R Datasheet(PDF) 10 Page - Vishay Siliconix

Part # MKT1813-422-014-R
Description  Metallized Polyester Film Capacitor MKT Axial Type
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT1813-422-014-R Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button MKT1813-422-014-R Datasheet HTML 5Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 6Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 7Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 8Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 9Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 10Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 11Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 12Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Document Number: 26013
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 06-Oct-08
10
MKT 1813
Metallized Polyester Film Capacitor
MKT Axial Type
Vishay BCcomponents
INSPECTION REQUIREMENTS
General Notes:
Sub-clause numbers of tests and performance requirements refer to the “Sectional Specification, puplication IEC 60384-2 and
Specific Reference Data”.
Group C Inspection Requirements
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS
SUB-GROUP C1A PART OF SAMPLE
OF SUB-GROUP C1
4.1
Dimensions (detail)
As specified in Chapters “General data” of
this specification
4.3.1
Initial measurements
Capacitance
Tangent of loss angle:
For C
≤ 470 nF at 100 kHz or
for C > 470 nF at 10 kHz
4.3
Robustness of terminations
Tensile: Load 10 N; 10 s
Bending: Load 5 N; 4 x 90°
No visible damage
4.4
Resistance to soldering heat
Method: 1A
Solder bath: 280 °C ± 5 °C
Duration: 10 s
4.14
Component solvent resistance
Isopropylalcohol at room temperature
Method: 2
Immersion time: 5 ± 0.5 min
Recovery time: Min. 1 h, max. 2 h
4.4.2
Final measurements
Visual examination
No visible damage
Legible marking
Capacitance
|ΔC/C| ≤ 2 % of the value measured initially
Tangent of loss angle
Increase of tan
δ
≤ 0.005 for:
C
≤ 100 nF or
≤ 0.010 for:
100 nF < C
≤ 220 nF or
≤ 0.015 for:
220 nF < C
≤ 470 nF and
≤ 0.003 for:
C > 470 nF
Compared to values measured in 4.3.1
SUB-GROUP C1B PART OF SAMPLE
OF SUB-GROUP C1
4.6.1
Initial measurements
Capacitance
Tangent of loss angle:
For C
≤ 470 nF at 100 kHz or
for C > 470 nF at 10 kHz
4.6
Rapid change of temperature
θA = - 55 °C
θB = + 100 °C
5 cycles
Duration t = 30 min
Visual examination
No visible damage
4.7
Vibration
Mounting:
See section “Mounting” of this specification
Procedure B4
Frequency range: 10 Hz to 55 Hz
Amplitude: 0.75 mm or
Acceleration 98 m/s²
(whichever is less severe)
Total duration 6 h
4.7.2
Final inspection
Visual examination
No visible damage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com