Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT1813-422-014-R Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MKT1813-422-014-R
Description  Metallized Polyester Film Capacitor MKT Axial Type
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT1813-422-014-R Datasheet(HTML) 3 Page - Vishay Siliconix

  MKT1813-422-014-R Datasheet HTML 1Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 2Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 3Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 4Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 5Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 6Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 7Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 8Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MKT 1813
Vishay BCcomponents
Metallized Polyester Film Capacitor
MKT Axial Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 26013
3
Revision: 06-Oct-08
Notes
• Pitch = L + 3.5
(1) Not suitable for mains applications
(2) For the smaller size please add “-M” at the end of the type designation (e.g. MKT 1813-510/255-M)
CAPACITANCE
CAPACITANCE
CODE
VOLTAGE
CODE 06
63 Vdc/
40 Vac
VOLTAGE
CODE 01
100 Vdc/
63 Vac
VOLTAGE
CODE 25
250 Vdc/
160 Vac
VOLTAGE
CODE 40
400 Vdc/
200 Vac
VOLTAGE
CODE 63 (1)
630 Vdc/
220 Vac
VOLTAGE
CODE 10 (1)
1000 Vdc/
220 Vac
DLDL
DL
DLDL
DL
470 PF
147
-
-----
--
5.0
11.0
-
-
680 PF
168
-
-----
--
5.0
11.0
-
-
1000 PF
210
-
-----
--
5.0
11.0
5.5
14.0
1500 PF
215
-
-----
--
5.0
11.0
6.0
14.0
2200 PF
222
-
-----
--
5.0
11.0
6.0
14.0
3300 PF
233
-
-----
--
5.0
11.0
7.0
14.0
4700 PF
247
-
-----
--
5.0
11.0
6.0
19.0
6800 PF
268
-
-----
5.0
11.0
6.0
14.0
6.0
19.0
0.01 µF
310
-
-----
5.0
11.0
6.0
14.0
6.5
19.0
0.015 µF
315
-
-
-
-
5.0
11.0
6.0
14.0
6.5
14.0
7.5
19.0
0.022 µF
322
-
-
-
-
5.0
11.0
6.0
14.0
7.5
14.0
9.0
19.0
0.033 µF
333
-
-
-
-
5.0
11.0
6.0
14.0
6.5
19.0
10.5
19.0
0.047 µF
347
-
-
-
-
6.0
14.0
7.0
14.0
7.5
19.0
12.0
19.0
0.068 µF
368
-
-
5.0
11.0
6.0
14.0
8.0
14.0
8.5
19.0
11.0
26.5
0.1 µF
410
-
-
5.0
11.0
6.0
14.0
7.0
19.0
10.5
19.0
13.0
26.5
-
-----
--
9.5
19.0 (2)
--
0.15 µF
415
5.0
11.0
5.5
11.0
7.0
14.0
8.5
19.0
10.0
26.5
13.5
31.5
0.22 µF
422
5.0
11.0
6.0
14.0
7.0
19.0
8.0
26.5
11.5
26.5
16.0
31.5
-
-----
8.0
19.0 (2)
---
-
0.33 µF
433
6.0
14.0
6.0
19.0
8.0
19.0
9.5
26.5
13.5
26.5
16.0
41.5
-
-----
9.5
19.0 (2)
---
-
0.47 µF
447
7.0
14.0
6.5
19.0
9.0
19.0
11.0
26.5
14.5
31.5
19.0
41.5
-
-----
--
14.0
26.5 (2)
--
0.68 µF
468
6.5
19.0
7.0
19.0
8.5
26.5
11.5
31.5
14.5
41.5
-
-
-
---
9.0
19.0 (2)
-----
-
1.0 µF
510
7.5
19.0
8.5
19.0
10.0
26.5
13.5
31.5
16.5
41.5
-
-
1.5 µF
515
8.5
19.0
8.0
26.5
11.0
31.5
14.0
41.5
-
-
-
-
-
-
8.0
19.0 (2)
-
-
13.0
31.5 (2)
---
-
2.2 µF
522
8.5
26.5
9.5
26.5
13.0
31.5
16.5
41.5
-
-
-
-
7.5
19.0 (2)
9.5
19.0 (2)
--
-----
-
3.3 µF
533
10.0
26.5
11.5
26.5
15.5
31.5
-----
-
8.5
19.0 (2)
-
-
14.0
26.5 (2)
-----
-
4.7 µF
547
11.5
26.5
12.0
31.5
15.5
41.5
-----
-
-
---
14.5
31.5 (2)
-----
-
6.8 µF
568
12.0
31.5
14.0
31.5
17.5
41.5
-----
-
10.0 µF
610
14.5
31.5
16.5
31.5
21.0
41.5
-----
-
-
-
13.5
31.5 (2)
--
-----
-
15.0 µF
615
18.0
31.5
20.5
31.5
-
-
-----
-
22.0 µF
622
17.5
41.5
----
-----
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com