Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9109A Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA9109A
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109A Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA9109A Datasheet HTML 14Page - STMicroelectronics TDA9109A Datasheet HTML 15Page - STMicroelectronics TDA9109A Datasheet HTML 16Page - STMicroelectronics TDA9109A Datasheet HTML 17Page - STMicroelectronics TDA9109A Datasheet HTML 18Page - STMicroelectronics TDA9109A Datasheet HTML 19Page - STMicroelectronics TDA9109A Datasheet HTML 20Page - STMicroelectronics TDA9109A Datasheet HTML 21Page - STMicroelectronics TDA9109A Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
TDA9109A
18/47
B+ SECTION
Operating Conditions
Electrical Characteristics (VCC = 12V, Tamb =25°C)
Note: 20 0.5mA are sunk when B+ section is disabled. the purpose is to discharge the soft-start capacitor.
Note: 21 The external power transistor is OFF during 400ns of the HFOCUSCAP discharge
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
FeedRes
Minimum Feedback Resistor
Resistor between
Pins 15 and 14
5k
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
OLG
Error Amplifier Open Loop Gain
At low frequency (15)85
dB
UGBW
Unity Gain Bandwidth
(see 15)6
MHz
IRI
Regulation Input Bias Current
Current sourced by
Pin 15 (PNP base)
0.2
µA
EAOI
Error Amplifier Output Current
Current sourced by
Pin 14
Current sunk by Pin 14
(See 20)
2
1.4
mA
mA
CSG
Current Sense Input Voltage Gain
Pin 16
3
MCEth
Max Current Sense Input Threshold
Voltage
Pin 16
1.3
V
ISI
Current Sense Input Bias Current
Current sunk by Pin 16
(PNP base)
1
µA
Tonmax
Maximum ON Time of the external
power transistor
% of horizontal period
fo = 27kHz (See
21)
100
%
B+OSV
B+Output Saturation Voltage
V28 with I28 = 10mA
0.25
V
IVREF
Internal Reference Voltage
On error amp (+) input
for Subaddress OB
Byte 1000000
5V
VREFADJ
Internal Reference Voltage Adjustment
Range
Byte 01111111
Byte 00000000
+20
-20
%
%
PWMSEL
Threshold for step-up/step-down
selection
Pin 16
6
V
tFB+
Fall Time
Pin 28
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com