Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9109A Datasheet(PDF) 36 Page - STMicroelectronics

Part # TDA9109A
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109A Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TDA9109A Datasheet HTML 32Page - STMicroelectronics TDA9109A Datasheet HTML 33Page - STMicroelectronics TDA9109A Datasheet HTML 34Page - STMicroelectronics TDA9109A Datasheet HTML 35Page - STMicroelectronics TDA9109A Datasheet HTML 36Page - STMicroelectronics TDA9109A Datasheet HTML 37Page - STMicroelectronics TDA9109A Datasheet HTML 38Page - STMicroelectronics TDA9109A Datasheet HTML 39Page - STMicroelectronics TDA9109A Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
TDA9109A
36/47
For the E/W part and the dynamic horizontal
phase control part, a sawtooth-shaped differential
current in the following form is generated:
∆I’ = k’ . (VOUT - VDCMID)
Then
∆I and ∆I’ are added and converted into volt-
age for the E/W part.
Each of the two E/W components or the two dy-
namic horizontal phase control components may
be inhibited by their own I2C select bit.
The E/W parabola is available on Pin 24 via an
emitter follower output stage which has to be bi-
ased by an external resistor (10k
Ω to ground).
Since stable in temperature, the device can be DC
coupled with external circuitry.
The vertical dynamic focus is combined with the
horizontal focus on Pin 10.
The dynamic horizontal phase control drives inter-
nally the H-position, moving the HFLY position on
the horizontal sawtooth in the range of
± 2.8 %TH
both for side pin balance and parallelogram.
Figure 17. Geometric Corrections Principle
3.5 E/W
EWOUT = EWDC +K1 (VOUT - VDCMID)+
K2 (VOUT - VDCMID)
2+K3 (V
OUT - VDCMID)
4
K1 is adjustable by the keystone I2C register.
K2 is adjustable by the E/W amplitude I2C register.
K3 is adjustable by the E/W corner I2C register.
3.6 Dynamic Horizontal Phase Control
IOUT=K4 (VOUT - VDCMID) + K5 (VOUT - VDCMID)
2
K4 is adjustable by the parallelogram I2C register.
K5 is adjustable by the side pin balance I2C regis-
ter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com