Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9109A Datasheet(PDF) 37 Page - STMicroelectronics

Part # TDA9109A
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109A Datasheet(HTML) 37 Page - STMicroelectronics

Back Button TDA9109A Datasheet HTML 33Page - STMicroelectronics TDA9109A Datasheet HTML 34Page - STMicroelectronics TDA9109A Datasheet HTML 35Page - STMicroelectronics TDA9109A Datasheet HTML 36Page - STMicroelectronics TDA9109A Datasheet HTML 37Page - STMicroelectronics TDA9109A Datasheet HTML 38Page - STMicroelectronics TDA9109A Datasheet HTML 39Page - STMicroelectronics TDA9109A Datasheet HTML 40Page - STMicroelectronics TDA9109A Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
TDA9109A
37/47
4 DC/DC CONVERTER PART
This unit controls the switch-mode DC/DC con-
verter. It converts a DC constant voltage into the
B+ voltage (roughly proportional to the horizontal
frequency) necessary for the horizontal scanning.
This DC/DC converter can be configured either in
step-up or step-down mode. In both cases it oper-
ates very similarly to the well known UC3842.
4.1 Step-up Mode
Operating Description
• The power MOS is switched-on during the
flyback (at the beginning of the positive slope
of the horizontal focus sawtooth).
• The power MOS is switched-off when its
current reaches a predetermined value. For
this purpose, a sense resistor is inserted in its
source. The voltage on this resistor is sent to
Pin16 (ISENSE).
• The feedback (coming either from the EHV or
from the flyback) is divided to a voltage close
to 5.0V and compared to the internal 5.0V
reference (IVREF). The difference is amplified
by an error amplifier, the output of which
controls the power MOS switch-off current.
Main Features
• Switching synchronized on the horizontal
frequency
• B+ voltage always higher than the DC source
• Current limited on a pulse-by-pulse basis
The DC/DC converter is disabled:
• when V
CC or VDD are too low
• when X-Ray protection is latched
• directly through I2C bus
When disabled, BOUT is driven to GND by a
0.5mA current source. This feature allows to im-
plement externally a soft start circuit.
4.2 Step-down Mode
In step-down mode, the ISENSE information is not
used any more and therefore not sent to the
Pin16. This mode is selected by connecting Pin16
to a DC voltage higher than 6V (for example VREF-
V).
Operating Description
• The power MOS is switched-on as for the
step-up mode
• The feedback to the error amplifier is done as
for the step-up mode
• The power MOS is switched-off when the
HFOCUSCAP voltage get higher than the
error amplifier output voltage
Main Features
• Switching synchronized on the horizontal
frequency
• B+ voltage always lower than the DC source
• No current limitation
4.3 Step-up and Step-down Mode Comparison
In step-down mode the control signal is inverted
compared with the step-up mode.
The reason for this, is the following:
• In step-up mode, the switch is a N-channel
MOS referenced to ground and made
conductive by a high level on its gate.
• In step-down, a high-side switch is necessary.
It can be either a P- or a N-channel MOS.
– For a P-channel MOS, the gate is controlled
directly from Pin 28 through a capacitor (this
allows to spare a Transformer). In this case, a
negative-going pulse is needed to make the
MOS conductive. Therefore it is necessary to
invert the control signal.
– For a N-channel MOS, a transformer is
needed to control the gate. The polarity of the
transformer can be easily adapted to the neg-
ative-going control pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com