Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9109A Datasheet(PDF) 30 Page - STMicroelectronics

Part # TDA9109A
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109A Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TDA9109A Datasheet HTML 26Page - STMicroelectronics TDA9109A Datasheet HTML 27Page - STMicroelectronics TDA9109A Datasheet HTML 28Page - STMicroelectronics TDA9109A Datasheet HTML 29Page - STMicroelectronics TDA9109A Datasheet HTML 30Page - STMicroelectronics TDA9109A Datasheet HTML 31Page - STMicroelectronics TDA9109A Datasheet HTML 32Page - STMicroelectronics TDA9109A Datasheet HTML 33Page - STMicroelectronics TDA9109A Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
TDA9109A
30/47
The PLL1 is internally inhibited during extracted
vertical sync (if any) to avoid taking in account
missing pulses or wrong pulses on phase
comparator. Inhibition is obtained by stopping high
and low signals at the entry of the charge pump
block (see Figure 8).
Figure 8.
Figure 9.
The VCO uses an external RC network. It delivers
a linear sawtooth obtained by the charge and the
discharge of the capacitor, with a current propor-
tional to the current in the resistor. The typical
thresholds of the sawtooth are 1.6 V and 6.4 V.
The control voltage of the VCO is between 1.4 V
and 6.4 V (see Figure 9). The theoretical frequen-
cy range of this VCO is in the ratio of 1 to 4.5. The
effective frequency range has to be smaller (1 to
4.2) due to clamp intervention on the filter lowest
value.
The sync frequency must always be higher than
the free running frequency. For example, when us-
ing a sync range between 24.8 kHz and 100 kHz,
the suggested free running frequency is 23 kHz.
PLL1 ensures the coincidence between the lead-
ing edge of the sync signal and a phase reference
obtained by comparison between the sawtooth of
the VCO and an internal DC voltage which is I2C
adjustable between 2.9 V and 4.2 V (correspond-
ing to
±10 %) (see Figure 10).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com