Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMDS261 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMDS261
Description  1080p - Deep Color 2-to-1 HDMI/DVI Switch With Adaptive Equalization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS261 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMDS261 Datasheet HTML 17Page - Texas Instruments TMDS261 Datasheet HTML 18Page - Texas Instruments TMDS261 Datasheet HTML 19Page - Texas Instruments TMDS261 Datasheet HTML 20Page - Texas Instruments TMDS261 Datasheet HTML 21Page - Texas Instruments TMDS261 Datasheet HTML 22Page - Texas Instruments TMDS261 Datasheet HTML 23Page - Texas Instruments TMDS261 Datasheet HTML 24Page - Texas Instruments TMDS261 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Video
Format
Generator
TMDS261 TestBoard
TMDS
261
TP1
TP2
TP3
HDMICable
TMDS261
www.ti.com............................................................................................................................................................................................ SLLS953 – DECEMBER 2008
TYPICAL CHARACTERISTICS (continued)
AVCC = 3.3 V, RT = 50 Ω
Figure 22. HDMI Cable Test-Point Configuration
Figure 23. Eye at TP3 (Output of TMDS261) With 20-m,
Figure 24. Eye at TP3 (Output of TMDS261) With 20-m,
24-AWG HDMI Cable, 2.25-Gbps Input TMDS data Rate,
24-AWG HDMI Cable, 3-Gbps Input TMDS Data Rate,
Fastest Rise- and Fall-Time Setting on TMDS Outputs
Fastest Rise- and Fall-Time Setting on TMDS Outputs
Figure 25. Eye at TP3 (Output of TMDS261) With 3-m,
Figure 26. Eye at TP3 (Output of TMDS261) With 3-m,
28-AWG HDMI Cable, 3-Gbps Input TMDS Data Rate,
28-AWG HDMI Cable, 3-Gbps Input TMDS Data Rate,
Fastest Rise- and Fall-Time Setting on TMDS Outputs
Slowest Rise- and Fall-Time Setting on TMDS Outputs
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s) :TMDS261



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com